Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT818Q-R Datasheet(PDF) 46 Page - Bridgetek Pte Ltd.

Part # BT818Q-R
Description  Advanced Embedded Video Engine Datasheet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT818Q-R Datasheet(HTML) 46 Page - Bridgetek Pte Ltd.

Back Button BT818Q-R Datasheet HTML 42Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 43Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 44Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 45Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 46Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 47Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 48Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 49Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 50Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
Copyright © Bridgetek Pte Ltd
46
BT817/8 Advanced Embedded Video Engine Datasheet
Version 1.1
Document No.: BRT_000302 Clearance No.: BRT#154
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage
High
VCCIO-0.5
-
-
V
Ioh: refer to Table
6-4
Vol
Output Voltage
Low
-
-
0.4
V
Iol: refer to Table
6-4
Vih
Input High
Voltage
2.0
-
5.5
V
Vil
Input Low
Voltage
-
-
0.8
V
Vth
Schmitt
Hysteresis
Voltage
0.22
-
0.3
V
Iin
Input leakage
current
-10
-
10
uA
Vin = VCCIO or 0
Ioz
Tri-state output
leakage current
-10
-
10
uA
Vin = VCCIO or 0
Rpu
Pull-up resistor
-
42
-
kΩ
Rpd
Pull-down resistor
-
44
-
kΩ
Table 6-5 Digital I/O Pin Characteristics (VCCIO = +3.3V)
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage
High
VCCIO-0.4
-
-
V
Ioh: refer to Table
6-4
Vol
Output Voltage
Low
-
-
0.4
V
Iol: refer to Table
6-4
Vih
Input High
Voltage
1.7
-
3.6
V
Vil
Input Low
Voltage
-
-
0.7
V
Vth
Schmitt
Hysteresis
Voltage
0.2
-
0.3
V
Iin
Input leakage
current
-10
-
10
uA
Vin = VCCIO or 0
Ioz
Tri-state output
leakage current
-10
-
10
uA
Vin = VCCIO or 0
Rpu
Pull-up resistor
-
57
-
kΩ
Rpd
Pull-down resistor
-
59
-
kΩ
Table 6-6 Digital I/O Pin Characteristics (VCCIO = +2.5V)
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage
High
VCCIO-0.4
-
-
V
Ioh: refer to Table
6-4
Vol
Output Voltage
Low
-
-
0.4
V
Iol: refer to Table
6-4
Vih
Input High
Voltage
1.2
-
2.75
V
-
Vil
Input Low
Voltage
-
-
0.6
V
-
Vth
Schmitt
Hysteresis
Voltage
0.17
-
0.3
V
-
Iin
Input leakage
current
-10
-
10
uA
Vin = VCCIO or 0
Ioz
Tri-state output
leakage current
-10
-
10
uA
Vin = VCCIO or 0
Rpu
Pull-up resistor
-
90
-
kΩ
Rpd
Pull-down resistor
-
97
-
kΩ
Table 6-7 Digital I/O Pin Characteristics (VCCIO = +1.8V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com