Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT818Q-R Datasheet(PDF) 48 Page - Bridgetek Pte Ltd.

Part # BT818Q-R
Description  Advanced Embedded Video Engine Datasheet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT818Q-R Datasheet(HTML) 48 Page - Bridgetek Pte Ltd.

Back Button BT818Q-R Datasheet HTML 44Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 45Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 46Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 47Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 48Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 49Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 50Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 51Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 52Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 59 page
background image
Copyright © Bridgetek Pte Ltd
48
BT817/8 Advanced Embedded Video Engine Datasheet
Version 1.1
Document No.: BRT_000302 Clearance No.: BRT#154
Parameter
Description
VCCIO=1.8V
VCCIO=2.5V
VCCIO=3.3V
Units
Min
Max
Min
Max
Min
Max
Tsclk
SPI clock period
33.3
33.3
33.3
Ns
Tsclkl
SPI clock low
duration
13
13
13
Ns
Tsclkh
SPI clock high
duration
13
13
13
Ns
Tsac
SPI access time
4
3.5
3
ns
Tisu
Input Setup
4
3.5
3
Ns
Tih
Input Hold
0
0
0
Ns
Tzo
Output enable delay
16
13
11
Ns
Toz
Output disable delay
13
11
10
Ns
Tod
Output data delay
15
12
11
Ns
Tcsnh
CSN hold time
0
0
0
Ns
Table 6-10 SPI Interface Timing Specifications
6.4.3
RGB Interface Timing
Parameter
Description
Value
Units
Min
Typ
Max
Tpclk
Pixel Clock period
10.4
ns
Td
Output delay relative to PCLK rising
edge (REG_PCLK_POL=0) or falling
edge (REG_PCLK_POL=1). Applied for
all the RGB output pins.
4
Ns
Th
Output hold time relative to PCLK
rising edge (REG_PCLK_POL=0) or
falling edge (REG_PCLK_POL=1).
Applied for all the RGB output pins.
0.5
Ns
Table 6-11 RGB Interface Timing Characteristics
Figure 6-2 RGB Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com