Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT818Q-R Datasheet(PDF) 37 Page - Bridgetek Pte Ltd.

Part # BT818Q-R
Description  Advanced Embedded Video Engine Datasheet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT818Q-R Datasheet(HTML) 37 Page - Bridgetek Pte Ltd.

Back Button BT818Q-R Datasheet HTML 33Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 34Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 38Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 39Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 40Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 41Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 59 page
background image
Copyright © Bridgetek Pte Ltd
37
BT817/8 Advanced Embedded Video Engine Datasheet
Version 1.1
Document No.: BRT_000302 Clearance No.: BRT#154
VCCIO3
1.8V, or 2.5V, or
3.3V
Supply for NOR Flash interface I/O pins
VCCA
3.3V
Supply for AUDIO_L pin and ADC circuit
VCC
3.3V
Supply for 3.3V circuits and internal 1.2V regulator
VOUT1V2,
VCC1V2
1.2V
Supply for digital core. Generated by internal regulator
Table 4-22 Power Supply
4.9.2
Internal Regulator and POR
The internal regulator outputs 1.2V to supply power to the core circuit.
The internal regulator requires a compensation capacitor (minimum 3.3uF) to be stable. A typical
design uses a 4.7uF or 10uF capacitor between the VOUT1V2 and GND pins. Do not connect any
other load to the VOUT1V2 pin.
The internal regulator will generate a Power-On-Reset (POR) pulse when the output voltage rises
above the POR threshold. The POR will reset all the core digital circuits.
4.9.3
Power Modes
When the supply to VCCIO and VCC is applied, the internal regulator is powered by VCC. An internal
POR pulse will be generated during the regulator power up until it is stable. After the initial power
up, the BT817/8 will stay in the SLEEP state. When needed, the host can set the BT817/8 to the
ACTIVE state by performing a SPI ACTIVE command. The graphics engine, the audio engine and the
touch engine are only functional in the ACTIVE state. To save power the host can send a command
to put the BT817/8 into any of the low power modes: STANDBY, SLEEP and POWERDOWN. In
addition, the host is allowed to put the BT817/8 in POWERDOWN mode from ACTIVE mode by
driving the PD_N pin to low. Refer to Figure 4-10 for the power state transitions.
Figure 4-10 Power State Transition
POWERDOWN
SLEEP
STANDBY
VCC/VCCIO
Power ON
Command
“PWRDOWN”
ACTIVE
Command
“PWRDOWN”
Command “STANDBY”
Command
“SLEEP”
Command
“ACTIVE”
Command
“ACTIVE”
Command
“PWRDOWN”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com