Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT818Q-R Datasheet(PDF) 43 Page - Bridgetek Pte Ltd.

Part # BT818Q-R
Description  Advanced Embedded Video Engine Datasheet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT818Q-R Datasheet(HTML) 43 Page - Bridgetek Pte Ltd.

Back Button BT818Q-R Datasheet HTML 39Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 40Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 41Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 42Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 43Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 44Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 45Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 46Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 47Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 59 page
background image
Copyright © Bridgetek Pte Ltd
43
BT817/8 Advanced Embedded Video Engine Datasheet
Version 1.1
Document No.: BRT_000302 Clearance No.: BRT#154
Address
(hex)
Register Name
Bit
s
r/
w
Reset
value
Description
302160h
REG_TOUCH_TRANSFORM
_E
32 r/w
00010000h Touch-screen transform
coefficient (s15.16)
302164h
REG_TOUCH_TRANSFORM
_F
32 r/w
00000000h Touch-screen transform
coefficient (s15.16)
302168h
REG_TOUCH_CONFIG
16 r/w
8381h
(BT818)
0381h
(BT817)
Touch configuration.
RTP/CTP select
RTP: short-circuit, sample clocks
CTP: I2C address, CTPM type,
low-power mode, touch host
mode
30216Ch
REG_CTOUCH_TOUCH4_X
16 r/o
- Extended mode: touch-screen
screen X data for touch 4
302170h
REG_EHOST_TOUCH_ACK
4 r/w
0 Touch host mode:
acknowledgement
302174h
REG_BIST_EN
1 r/w
0 BIST memory mapping enable
302178h
-
302187C
h
Reserved
- -
- Reserved
302184h
REG_ANA_COMP
8 r/w
0 Analogue control register
302188h
REG_SPI_WIDTH
3 r/w
0 QSPI bus width setting
Bit [2]: extra dummy cycle on
read
Bit [1:0]: bus width (0=1-bit,
1=2-bit, 2=4-bit)
30218Ch
REG_TOUCH_DIRECT_XY
REG_CTOUCH_TOUCH2_X
Y
32 r/o
- Compatibility mode: Touch screen
direct (x-MSB16; y-LSB16)
conversions
Extended mode: touch-screen
screen data for touch 2 (x-
MSB16; y-LSB16)
302190h
REG_TOUCH_DIRECT_Z1Z
2
REG_CTOUCH_TOUCH3_X
Y
32 r/o
- Compatibility mode: Touch screen
direct (z1-MSB16; z2-LSB16)
conversions
Extended mode: touch-screen
screen data for touch 3 (x-
MSB16; y-LSB16)
302194h
-
302560h
Reserved
- -
- Reserved
302564h
REG_DATESTAMP
128 r/o
- Stamp date code
302574h
REG_CMDB_SPACE
12 r/w
FFCh Command DL (bulk) space
available
302578h
REG_CMDB_WRITE
32 w/o
0 Command DL (bulk) write
30257Ch
REG_ADAPTIVE_FRAMERA
TE
1 r/w
1 Reduce frame rate during
complex drawing
3025ECh
REG_PLAYBACK_PAUSE
1 r/w
0 Audio playback control. 0: play,
1: pause
3025F0h
REG_FLASH_STATUS
2 r/w
0 Flash status. 0: INIT, 1:
DETACHED, 2: BASIC, 3: FULL
3025F4h-
302608h
Reserved
- -
- Reserved
30260Ch
REG_UNDERRUN
32 r/o
- Line underrun counter
302610h
REG_AH_HCYCLE_MAX
12 r/w
0 Adaptive Hsync: maximum
horizontal total PCLK cycles. 0
means Adaptive Hsync is
disabled.
302614h
REG_PCLK_FREQ
16 r/w
0 Fractional PCLK
frequency/enable. Firmware sets
to 08A1h at boot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com