Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT818Q-R Datasheet(PDF) 32 Page - Bridgetek Pte Ltd.

Part # BT818Q-R
Description  Advanced Embedded Video Engine Datasheet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT818Q-R Datasheet(HTML) 32 Page - Bridgetek Pte Ltd.

Back Button BT818Q-R Datasheet HTML 28Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 29Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 30Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 31Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 32Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 33Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 34Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
Copyright © Bridgetek Pte Ltd
32
BT817/8 Advanced Embedded Video Engine Datasheet
Version 1.1
Document No.: BRT_000302 Clearance No.: BRT#154
the required control signals to the axis-switches and inputs mux and ADC. The ADC data is acquired,
processed and updated in the respective register for the MPU/MCU to read.
Figure 4-7 Resistive Touch Screen Connection
The host controls the TOUCH SCREEN ENGINE operation mode by writing the REG_TOUCH_MODE.
REG_TOUCH_MODE
Mode
Description
0
OFF
Acquisition stopped, only touch detection interrupt is still
valid.
1
ONE-SHOT
Perform acquisition once every time the MPU writes '1' to
REG_TOUCH_MODE.
2
FRAME-SYNC
Perform acquisition for every frame sync (~60 data
acquisition/second.
3
CONTINUOUS
Perform acquisition continuously at approximately 1000
data acquisition / second.
Table 4-19 Resistive Touch Controller Operating Mode
The Touch Screen Engine captures the raw X and Y coordinate and writes to register
REG_TOUCH_RAW XY. The range of these values is 0-1023. If the touch screen is not being pressed,
both registers read 65535 (FFFFh).
These touch values are transformed into screen coordinates using the matrix in registers
REG_TOUCH_TRANSFORM_A-F.
The
post-transform
coordinates
are
available
in
register
REG_TOUCH_SCREEN_XY. If the touch screen is not being pressed, both registers read -32768
(8000h).
The values for REG TOUCH TRANSFORM A-F may be computed using an on-screen calibration process.
If the screen is being touched, the screen coordinates are looked up in the screen's tag buffer,
delivering a final 8-bit tag value, in REG TOUCH TAG. Because the tag lookup takes a full frame, and
touch coordinates change continuously, the original (x; y) used for the tag lookup is also available in
REG_TOUCH_TAG_XY.
Screen touch pressure is available in REG_TOUCH_RZ. The value is relative to the resistance of the
touch contact, a lower value indicates more pressure. The register defaults to 32767 when touch is not
detected. The REG_TOUCH_RZTHRESH (valid in touch continuous mode, frame mode and one-shot
mode) can be set to accept a touch only when the force threshold is exceeded.
4.8.2
Capacitive Touch Control
The Capacitive Touch Screen Engine (CTSE) of the BT817 communicates with the external capacitive
touch panel module (CTPM) through an I2C interface. The CTPM will assert its interrupt line when
there is a touch detected. Upon detecting CTP_INT_N line active, the BT817/8 will read the touch data
through I2C. Up to 5 touches can be reported and stored in BT817 registers. The BT817 built-in ROM
code supports Focaltech, Hycontek and Goodix touch controllers, as well as touch host mode (refer to
Y+
Y-
X-
X+
BT818
XP
YP
XM
YM
Resistive Touch Screen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com