Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT818Q-R Datasheet(PDF) 10 Page - Bridgetek Pte Ltd.

Part # BT818Q-R
Description  Advanced Embedded Video Engine Datasheet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT818Q-R Datasheet(HTML) 10 Page - Bridgetek Pte Ltd.

Back Button BT818Q-R Datasheet HTML 6Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 7Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 8Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 9Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 10Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 11Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 12Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 13Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 14Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
Copyright © Bridgetek Pte Ltd
10
BT817/8 Advanced Embedded Video Engine Datasheet
Version 1.1
Document No.: BRT_000302 Clearance No.: BRT#154
Pin Number
Pin Name
Type
Description
BT817
BT818
45
45
B2
O
Bit 2 of Blue RGB signals.
Powered from pin VCCIO2.
46
46
B1
O
Bit 1 of Blue RGB signals.
Powered from pin VCCIO2.
47
47
B0
O
Bit 0 of Blue RGB signals.
Powered from pin VCCIO2.
48
48
GND
P
Ground
49
49
G7
O
Bit 7 of Green RGB signals.
Powered from pin VCCIO2.
50
50
G6
O
Bit 6 of Green RGB signals.
Powered from pin VCCIO2.
51
51
G5
O
Bit 5 of Green RGB signals.
Powered from pin VCCIO2.
52
52
G4
O
Bit 4 of Green RGB signals.
Powered from pin VCCIO2.
53
53
G3
O
Bit 3 of Green RGB signals.
Powered from pin VCCIO2.
54
54
G2
O
Bit 2 of Green RGB signals.
Powered from pin VCCIO2.
55
55
G1
O
Bit 1 of Green RGB signals.
Powered from pin VCCIO2.
56
56
G0
O
Bit 0 of Green RGB signals.
Powered from pin VCCIO2.
57
57
VCC1V2
P
1.2V digital core supply. Connect to VOUT1V2 pin
on PCB. A 0.1uF decoupling capacitor is
recommended.
58
58
R7
O
Bit 7 of Red RGB signals.
Powered from pin VCCIO2.
59
59
R6
O
Bit 6 of Red RGB signals.
Powered from pin VCCIO2.
60
60
R5
O
Bit 5 of Red RGB signals.
Powered from pin VCCIO2.
61
61
R4
O
Bit 4 of Red RGB signals.
Powered from pin VCCIO2.
62
62
R3
O
Bit 3 of Red RGB signals.
Powered from pin VCCIO2.
63
63
R2
O
Bit 2 of Red RGB signals.
Powered from pin VCCIO2.
64
64
R1
O
Bit 1 of Red RGB signals
Powered from pin VCCIO2
EP
EP
GND
P
Ground. Exposed thermal pad.
Connect to ground plane on PCB.
Table 3-1 BT817/8 Pin Description
Note:
P
: Power or ground
I
: Input
O
: Output
OD : Open drain output
I/O : Bi-direction Input and Output
AI/O: Analog Input and Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com