Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT818Q-R Datasheet(PDF) 26 Page - Bridgetek Pte Ltd.

Part # BT818Q-R
Description  Advanced Embedded Video Engine Datasheet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT818Q-R Datasheet(HTML) 26 Page - Bridgetek Pte Ltd.

Back Button BT818Q-R Datasheet HTML 22Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 23Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 24Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 25Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 26Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 27Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 28Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 29Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 30Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 59 page
background image
Copyright © Bridgetek Pte Ltd
26
BT817/8 Advanced Embedded Video Engine Datasheet
Version 1.1
Document No.: BRT_000302 Clearance No.: BRT#154
REG_DITHER enables colour dither. To improve image quality, the graphics engine applies a 2x2 color
dither matrix to output pixels. This option improves the half-tone appearance on displays, even on 1-
bit displays. Note that the dither function is not applicable to 2X mode (REG_PCLK_2X=1).
REG_OUTBITS gives the bit width of each colour channel. The default is 8/8/8 bits for each R/G/B
colour, giving total colour depth of 16,777,216 colours. A lower value means fewer bits are output for
that colour channel, allowing dithering on lower precision LCD displays. A typical lower precision LCD
has 6/6/6 bits for each R/G/B colour, giving total colour depth of 262,144 colours. For 6/6/6 bits
configuration, pins R2-R7, G2-G7 and B2-B7 will be used, while pins R0,R1,G0,G1,B0,B1 can be left
un-connected.
REG_SWIZZLE controls the arrangement of the output colour pins, to help PCB routing with different
LCD panel arrangements. Bit 0 of the register causes the order of bits in each colour channel to be
reversed. Bits 1-3 control the RGB order. Setting Bit 1 causes R and B channels to be swapped.
Setting Bit 3 allows rotation to be enabled. If Bit 3 is set, then (R, G, B) is rotated right if bit 2 is one,
or left if bit 2 is zero.
REG_SWIZZLE
RGB PINS
b3 b2 b1 b0 R7, R6,
R5, R4,
R3, R2,
R1, R0
G7, G6,
G5, G4,
G3, G2,
G1, G0
B7, B6,
B5, B4,
B3, B2,
B1, B0
0
X
0
0
R[7:0]
G[7:0]
B[7:0]
0
X
0
1
R[0:7]
G[0:7]
B[0:7]
0
X
1
0
B[7:0]
G[7:0]
R[7:0]
0
X
1
1
B[0:7]
G[0:7]
R[0:7]
1
0
0
0
B[7:0]
R[7:0]
G[7:0]
1
0
0
1
B[0:7]
R[0:7]
G[0:7]
1
0
1
0
G[7:0]
R[7:0]
B[7:0]
1
0
1
1
G[0:7]
R[0:7]
B[0:7]
1
1
0
0
G[7:0]
B[7:0]
R[7:0]
1
1
0
1
G[0:7]
B[0:7]
R[0:7]
1
1
1
0
R[7:0]
B[7:0]
G[7:0]
1
1
1
1
R[0:7]
B[0:7]
G[0:7]
Table 4-13 REG_SWIZZLE RGB Pins Mapping
REG_HCYCLE, REG_HSIZE, REG_HOFFSET, REG_HSYNC0 and REG_HSYNC1 define the LCD horizontal
timings. Each register has 12 bits to allow programmable range of 0-4095 PCLK cycles. REG_VCYCLE,
REG_VSIZE, REG_VOFFSET, REG_VSYNC0 and REG_VSYNC1 define the LCD vertical timings. Each
register has 12 bits to allow a programmable range of 0-4095 lines.
Register
Display
Parameter
Description
REG_HCYCLE
TH
Total length of line (visible and non-visible) (in
PCLKs)
REG_HSIZE
THD
Length of visible part of line (in PCLKs)
REG_HOFFSET
THF + THP + THB
Length of non-visible part of line. Must be < TH -
THD
(in PCLK cycles)
REG_HSYNC0
THF
Horizontal Front Porch (in PCLK cycles)
REG_HSYNC1
THF + THP
Horizontal Front Porch plus Hsync Pulse width (in
PCLK cycles)
REG_VCYCLE
TV
Total number of lines (visible and non-visible) (in
lines)
REG_VSIZE
TVD
Number of visible lines (in lines)
REG_VOFFSET
TVF + TVP + TVB
Number of non-visible lines. Must be < TV - TVD
(in lines)
REG_VSYNC0
TVF
Vertical Front Porch (in lines)
REG_VSYNC1
TVF + TVP
Vertical Front Porch plus Vsync Pulse width (in lines)
Table 4-14 Registers for RGB Horizontal and Vertical Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com