Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT818Q-R Datasheet(PDF) 24 Page - Bridgetek Pte Ltd.

Part # BT818Q-R
Description  Advanced Embedded Video Engine Datasheet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT818Q-R Datasheet(HTML) 24 Page - Bridgetek Pte Ltd.

Back Button BT818Q-R Datasheet HTML 20Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 21Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 22Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 23Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 24Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 25Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 26Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 27Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 28Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 59 page
background image
Copyright © Bridgetek Pte Ltd
24
BT817/8 Advanced Embedded Video Engine Datasheet
Version 1.1
Document No.: BRT_000302 Clearance No.: BRT#154
Figure 4-5 Flash Interface States
The register REG_FLASH_STATE indicates the state of the flash subsystem. At boot the flash state is
FLASH_STATE_INIT. After detection has completed flash is in state FLASH_STATE_DETACHED or
FLASH_STATE_BASIC, depending on whether an attached flash device was detected.
If no device is detected, then all SPIM signals are driven to low or high, except SPIM_MISO which is Hi-
Z.
When the host MCU calls CMD_FLASHFAST, the flash system attempts to go to full-speed mode, setting
state to FLASH_STATE_FULL (Note: the 4K byte flash blob file needs to program to the flash before the
flash can enter full-speed mode).
At any time the user can call CMD_FLASHDETACH in order to disable flash communications. In the
detached state, commands CMD_FLASHSPIDESEL, CMD_FLASHSPITX and CMD_FLASHSPIRX can be
used to control the SPI bus.
If detached, the host MCU can call CMD_FLASHATTACH to re-establish communication with the flash
device.
Direct rendering of bitmaps from flash is only possible in FLASH_STATE_FULL. After modifying the
contents of flash, the MCU should clear the on-chip bitmap cache by calling CMD_CLEARCACHE.
If the flash is blank (or erased using the CMD_FLASHERASE), it is recommended to use
CMD_FLASHPROGRAM to program the flash in order to achieve fastest programming speed. For Micron
MT25QL and Cypress S25FL-L series NOR flash, typical programming speed is about 900 kByte/s
(assume SPI clock 10MHz or higher in Single SPI mode).
4.5 Parallel RGB Interface
The RGB parallel interface consists of 29 signals - DISP, PCLK, VSYNC, HSYNC, DE, 8 signals each for R,
G and B.
A set of RGB registers configure the LCD operation and timing parameters.
REG_PCLK is used to select the display mode and clock divisor. The default value is 0, which means the
display scanout is disabled and all RGB signals output Low.
When REG_PCLK is set to 1, the display output will be in EXTSYNC mode, where the PCLK frequency is
controlled by REG_PCLK_FREQ from PLL2. The maximum PLL2 frequency is 228MHz. The PCLK
frequency can be set up to 96MHz to align with the optimized PCLK frequency of the selected LCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com