Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT818Q-R Datasheet(PDF) 28 Page - Bridgetek Pte Ltd.

Part # BT818Q-R
Description  Advanced Embedded Video Engine Datasheet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT818Q-R Datasheet(HTML) 28 Page - Bridgetek Pte Ltd.

Back Button BT818Q-R Datasheet HTML 24Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 25Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 26Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 27Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 28Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 29Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 30Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 31Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 32Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
Copyright © Bridgetek Pte Ltd
28
BT817/8 Advanced Embedded Video Engine Datasheet
Version 1.1
Document No.: BRT_000302 Clearance No.: BRT#154
Yes
Yes
No
No
extsync mode, 2X pixels
Yes
Yes
framerate
No
extsync, 2X, adaptive framerate
Yes
Yes
hsync
No
extsync, 2X, adaptive hsync
Yes
Yes
*
Yes
not supported
Table 4-15 Display mode
4.6 Miscellaneous Control
4.6.1
Backlight Control Pin
The backlight dimming control pin (BACKLIGHT) is a Pulse-width Modulation (PWM) signal controlled
by two registers: REG_PWM_HZ and REG_PWM_DUTY. REG_PWM_HZ specifies the PWM output
frequency, the range is 250-10000 Hz. REG_PWM_DUTY specifies the duty cycle; the range is 0-128.
A value of 0 means that the PWM is completely off and 128 means completely on.
The BACKLIGHT pin will output low when the DISP pin is not enabled (i.e. logic 0).
4.6.2
DISP Control Pin
The DISP pin is a general purpose output that can be used to enable, or reset the LCD display panel.
The pin is controlled by writing to Bit 7 of the REG_GPIO register, or bit 15 of REG_GPIOX.
4.6.3
General Purpose IO pins
The BT817/8 can be configured to use up to 4 GPIO pins. These GPIO pins are controlled by the
REG_GPIOX_DIR and REG_GPIOX registers. Alternatively the GPIO0 and GPIO1 pins can also be
controlled by REG_GPIO_DIR and REG_GPIO to maintain backward compatibility with the
FT800/FT801.
When the QSPI is enabled in Quad mode, GPIO0/IO2 and GPIO1/IO3 pins are used as data lines of the
QSPI.
4.6.4
Pins Drive Current Control
The output drive current of output pins can be changed as per the following table by writing to
bit[6:2] of REG_GPIO register or bit[14:10] of REG_GPIOX register. Alternatively, use the SPI
command PINDRIVE to change the individual pin drive strength.
REG_GPIO
Bit[6:5]
Bit[4]
Bit[3:2]
REG_GPIOX
Bit[14:13]
Bit[12]
Bit[11:10]
Value
00b#
01b
10b
11b
0b#
1b
00b#
01b
10b
11
b
Drive
Strength
Degree
DSD1
DSD2
DSD3
DSD4
DSD1
DSD2
DSD1
DSD2
DSD3
D
S
D
4
Pins
GPIO0
GPIO1
GPIO2
GPIO3
CTP_RST_N
PCLK
DISP
VSYNC
HSYNC
DE
R7..R0
G7..G0
B7..B0
BACKLIGHT
MISO
MOSI
IO2
IO3
INT_N
SPIM_SCLK
SPIM_SS_N
SPIM_MOSI
SPIM_MISO
SPIM_IO2
SPIM_IO3
Table 4-16 Output Drive Current Selection
Note: #Default value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com