Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT818Q-R Datasheet(PDF) 29 Page - Bridgetek Pte Ltd.

Part # BT818Q-R
Description  Advanced Embedded Video Engine Datasheet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT818Q-R Datasheet(HTML) 29 Page - Bridgetek Pte Ltd.

Back Button BT818Q-R Datasheet HTML 25Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 26Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 27Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 28Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 29Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 30Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 31Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 32Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 33Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
Copyright © Bridgetek Pte Ltd
29
BT817/8 Advanced Embedded Video Engine Datasheet
Version 1.1
Document No.: BRT_000302 Clearance No.: BRT#154
4.7 Audio Engine
BT817/8 provides mono audio output with sigma-delta modulation through a digital output pin,
AUDIO_L. It outputs two audio sources, the sound synthesizer and audio file playback.
4.7.1
Sound Synthesizer
A sound processor, AUDIO ENGINE, generates the sound effects from a small ROM library of waves
table. To play a sound effect listed in Table 4.3, load the REG_SOUND register with a code value and
write 1 to the REG_PLAY register. The REG_PLAY register reads 1 while the effect is playing and
returns a ‘0’ when the effect ends. Some sound effects play continuously until interrupted or
instructed to play the next sound effect. To interrupt an effect, write a new value to REG_SOUND and
REG_PLAY registers; e.g. write 0 (Silence) to REG_SOUND and 1 to PEG_PLAY to stop the sound
effect.
The sound volume is controlled by register REG_VOL_SOUND. The 16-bit REG_SOUND register takes
an 8-bit sound in the low byte. For some sounds, marked "pitch adjust" in the table below, the high 8
bits contain a MIDI note value. For these sounds, a note value of zero indicates middle C. For other
sounds the high byte of REG_SOUND is ignored.
Value
Effect
Conti
nuous
Pitch
adjus
t
Value
Effect
Conti
nuous
Pitch
adjus
t
00h
Silence
Y
N
32h
DTMF 2
Y
N
01h
square wave
Y
Y
33h
DTMF 3
Y
N
02h
sine wave
Y
Y
34h
DTMF 4
Y
N
03h
sawtooth wave
Y
Y
35h
DTMF 5
Y
N
04h
triangle wave
Y
Y
36h
DTMF 6
Y
N
05h
Beeping
Y
Y
37h
DTMF 7
Y
N
06h
Alarm
Y
Y
38h
DTMF 8
Y
N
07h
Warble
Y
Y
39h
DTMF 9
Y
N
08h
Carousel
Y
Y
40h
harp
N
Y
10h
1 short pip
N
Y
41h
xylophone
N
Y
11h
2 short pips
N
Y
42h
tuba
N
Y
12h
3 short pips
N
Y
43h
glockenspiel
N
Y
13h
4 short pips
N
Y
44h
organ
N
Y
14h
5 short pips
N
Y
45h
trumpet
N
Y
15h
6 short pips
N
Y
46h
piano
N
Y
16h
7 short pips
N
Y
47h
chimes
N
Y
17h
8 short pips
N
Y
48h
music box
N
Y
18h
9 short pips
N
Y
49h
bell
N
Y
19h
10 short pips
N
Y
50h
click
N
N
1Ah
11 short pips
N
Y
51h
switch
N
N
1Bh
12 short pips
N
Y
52h
cowbell
N
N
1Ch
13 short pips
N
Y
53h
notch
N
N
1Dh
14 short pips
N
Y
54h
hihat
N
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com