Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT818Q-R Datasheet(PDF) 33 Page - Bridgetek Pte Ltd.

Part # BT818Q-R
Description  Advanced Embedded Video Engine Datasheet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT818Q-R Datasheet(HTML) 33 Page - Bridgetek Pte Ltd.

Back Button BT818Q-R Datasheet HTML 29Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 30Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 31Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 32Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 33Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 34Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
Copyright © Bridgetek Pte Ltd
33
BT817/8 Advanced Embedded Video Engine Datasheet
Version 1.1
Document No.: BRT_000302 Clearance No.: BRT#154
section 4.8.7). For a supported CTPM list please refer to AN_336 FT8xx - Selecting an LCD Display. For
other touch controller IC, consult Bridgetek.
The BT817 uses the I2C address value in the REG_TOUCH_CONFIG register to differentiate
Focaltech/Hycontek and Goodix touch controllers. For Focaltech/Hycontek IC the I2C address must be
set as 0x38-0x3F (example: REG_TOUCH_CONFIG = 0x0380), while for Goodix IC the I2C address
must be set as 0x5D (example: REG_TOUCH_CONFIG = 0x05D0). The touch engine requires a reset if
changing I2C address from default value, as shown below:
Write REG_CPURESET = 2
Write REG_TOUCH_CONFIG = 0x05D0
//For Goodix touch controller
Write REG_CPURESET = 0
The BT817 supports I2C clock stretch. This is particularly useful for supporting Hycontek touch IC.
Figure 4-8 Touch Screen Connection
The host controls the CTSE operation mode by writing the REG_CTOUCH_MODE.
REG_CTOUCH_MODE Mode
Description
0
OFF
Acquisition stopped
1-2
Reserved
Reserved
3
CONTINUOUS
Perform acquisition continuously at the reporting rate of the
connected CTPM.
Table 4-20 Capacitive Touch Controller Operating Mode
The BT817 CTSE supports compatibility mode and extended mode. By default the CTSE runs in
compatibility mode where the touch system provides an interface very similar to the resistive touch
engine. In extended mode, the touch register meanings are modified, and a second set of registers are
exposed. These allow multi-touch detection (up to 5 touches).
4.8.3
Compatibility Mode
The CTSE reads the X and Y coordinates from the CTPM and writes to register REG_CTOUCH_RAW_XY.
If the touch screen is not being pressed, both registers read 65535 (FFFFh). These touch values are
transformed into screen coordinates using the matrix in registers REG_CTOUCH_TRANSFORM_A-F. The
post-transform coordinates are available in register REG_CTOUCH_SCREEN_XY. If the touch screen is
not being pressed, both registers read -32768 (8000h). The values for REG_CTOUCH_TRANSFORM_A-F
may be computed using an on-screen calibration process.
If the screen is being touched, the screen coordinates are looked up in the screen's tag buffer,
delivering a final 8-bit tag value, in REG_TOUCH_TAG. Because the tag lookup takes a full frame, and
touch coordinates change continuously, the original (x; y) used for the tag lookup is also available in
REG_TOUCH_TAG_XY.
SCL
RSTN
SDA
INTN
BT817
CTP_SCL
CTP_SDA
CTP_INT_N
CTP_RST_N
Capacitive Touch
Panel Module
VCCIO2
(1.8-3.3V)
1K
1K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com