Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT818Q-R Datasheet(PDF) 23 Page - Bridgetek Pte Ltd.

Part # BT818Q-R
Description  Advanced Embedded Video Engine Datasheet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT818Q-R Datasheet(HTML) 23 Page - Bridgetek Pte Ltd.

Back Button BT818Q-R Datasheet HTML 19Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 20Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 21Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 22Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 23Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 24Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 25Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 26Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 27Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
Copyright © Bridgetek Pte Ltd
23
BT817/8 Advanced Embedded Video Engine Datasheet
Version 1.1
Document No.: BRT_000302 Clearance No.: BRT#154
Font Index
=>
16/
18
2
0
2
1
2
2
2
3
2
4
2
5
2
6
2
7
2
8
2
9
3
0
3
1
3
2
3
3
3
4
117
U
8
5
7
9
10
14
18
8
9
12
14
17
24
31
41
52
118
V
8
6
7
8
10
13
16
7
9
11
12
16
21
27
36
46
119
W
8
8
10
12
14
18
23
11
13
16
18
23
32
41
54
70
120
X
8
6
7
8
10
12
16
7
9
11
12
16
21
27
36
46
121
Y
8
5
7
8
10
13
16
7
9
11
12
16
21
27
36
46
122
Z
8
5
7
8
9
12
16
8
9
11
12
15
22
27
36
46
123
{
8
3
5
6
6
8
11
5
6
8
8
11
15
18
24
31
124
|
8
3
3
4
5
6
9
3
4
5
6
7
10
14
18
23
125
}
8
3
5
6
6
8
11
5
6
7
9
10
15
18
24
31
126
~
8
7
8
10
10
14
19
10
11
14
15
21
29
36
47
63
127
DEL
8
0
0
0
0
0
0
3
4
5
6
5
10
13
18
23
Table 4-9 ROM font ASCII character width in pixels
128
Ç
144
É
160
á
176
░
192
└
208
╨
224
α
240
Ξ
129
ü
145
æ
161
í
177
▒
193
┴
209
╤
225
ß
241
±
130
é
146
Æ
162
ó
178
▓
194
┬
210
╥
226
Γ
242
≥
131
â
147
ô
163
ú
179
│
195
├
211
╙
227
∏
243
≤
132
ä
148
ö
164
ñ
180
┤
196
─
212
╘
228
Σ
244
⌠
133
à
149
ò
165
Ñ
181
╡
197
┼
213
╒
229
σ
245
⌡
134
å
150
û
166
ª
182
╢
198
╞
214
╓
230
µ
246
÷
135
ç
151
ù
167
º
183
╖
199
╟
215
╫
231
τ
247
≈
136
ê
152
ÿ
168
¿
184
╕
200
╚
216
╪
232
Φ
248
°
137
ë
153
Ö
169
⌐
185
╣
201
╔
217
┘
233
θ
249
•
138
è
154
Ü
170
¬
186
║
202
╩
218
┌
234
Ω
250
·
139
ï
155
₵
171
½
187
╗
203
╦
219
█
235
δ
251
√
140
î
156
£
172
¼
188
╝
204
╠
220
▄
236
ω
252
ⁿ
141
ì
157
¥
173
¡
189
╜
205
═
221
▌
237
φ
253
²
142
Ä
158
Pt
174
«
190
╛
206
╬
222
▐
238
Ɛ
254
■
143
Å
159
ƒ
175
»
191
┐
207
╧
223
▀
239
Π
255
nbsp
Table 4-10 ROM Font Extended ASCII Characters
Note 1: Font 17 and 19 are extended ASCII characters, with width fixed at 8 pixels for all characters.
Note 2: All fonts included in the BT817/8 ROM are widely available to the market-place for general
usage.
4.4 SPI NOR Flash Interface
The BT817/8 implements a SPI master to connect to external SPI NOR Flash. Graphics assets such as
Unicode fonts and images can be stored in the flash memory. The BT817/8 graphics engine can fetch
these graphics assets directly without going through external host MCU, thus significantly offloading
the host MCU from feeding display contents.
The BT817/8 supports various NOR flash memory device from different vendors such as Cypress,
Macronix, Winbond, Micron, ISSI and Gigadevice. The flash shall support XIP operation. The interface
will work at system clock speed at 4 bit mode, providing the maximum data read throughput of 288
Mbit/s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com