Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT818Q-R Datasheet(PDF) 38 Page - Bridgetek Pte Ltd.

Part # BT818Q-R
Description  Advanced Embedded Video Engine Datasheet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT818Q-R Datasheet(HTML) 38 Page - Bridgetek Pte Ltd.

Back Button BT818Q-R Datasheet HTML 34Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 38Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 39Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 40Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 41Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 42Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 59 page
background image
Copyright © Bridgetek Pte Ltd
38
BT817/8 Advanced Embedded Video Engine Datasheet
Version 1.1
Document No.: BRT_000302 Clearance No.: BRT#154
4.9.3.1
ACTIVE state
In ACTIVE state, the BT817/8 is in normal operation. The clock oscillator and PLL are functioning. The
system clock applied to the BT817/8 core engines is enabled.
4.9.3.2
STANDBY state
In STANDBY state, the clock oscillator and PLL remain functioning; the system clock applied to the
BT817/8 core engines is disabled. All register contents are retained.
4.9.3.3
SLEEP state
In SLEEP state, the clock oscillator, PLL and system clock applied to the BT817/8 core engines are
disabled. All register contents are retained.
4.9.3.4
POWERDOWN state
In POWERDOWN state, the clock oscillator, the PLL and the system clock applied to the BT817/8 core
is disabled. The core engines are powered down while the SPI interface for host commands remains
functional. All register contents are lost and reset to default when the chip is next switched on. The
internal regulator remains on.
4.9.3.5
Wake up to ACTIVE from other power states
When in the POWERDOWN state, if the device enters this state via an SPI command, then only the SPI
ACTIVE command will bring the device back to the ACTIVE state, provided PD_N pin is also high.
However, if PD_N is used instead, then making PD_N high followed by a SPI ACTIVE command will
wake up the device. Upon exiting this state, the device will perform a global reset, and will go through
the same power up sequence. All settings from SPI commands will be reset except those that pertain
to pin states during power down. The clock enable sequence mentioned in section 4.2.3 shall be
executed to properly select and enable the system clock.
From the SLEEP state, the host MPU sends an SPI ACTIVE command to wake the BT817/8 into the
ACTIVE state. The host needs to wait for at least 20ms before accessing any registers or commands.
This is to guarantee the clock oscillator and PLL are up and stable.
From the STANDBY state, the host MPU sends SPI ACTIVE command to wake the BT817/8
into the ACTIVE state. The host can immediately access any register or command.
4.9.4
Reset and Boot-up Sequence
There are a few hardware and software reset events which can be triggered to reset the BT817/8.
Hardware reset events:
Power-on-Reset(POR)
A low pulse of 5ms on PD_N pin (applicable when chip is in ACTIVE or STANDBY state)
Software reset events:
SPI command RST_PULSE
SPI command to enter POWERDOWN then wakeup
After reset the BT817/8 will be in the SLEEP state. Upon receiving the SPI ACTIVE command (or
CLKEXT followed by SPI ACTIVE command if external clock source is used), the clock oscillator and
PLL will start up. Once the clock is stable, the chip will check and repair its internal RAM, running the
configuration and then entering into normal operations. The boot-up may take up to 300ms to
complete. During boot up process, software should not access BT817/8 register or RAM except reading
REG_ID and REG_CPURESET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com