Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT818Q-R Datasheet(PDF) 25 Page - Bridgetek Pte Ltd.

Part # BT818Q-R
Description  Advanced Embedded Video Engine Datasheet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT818Q-R Datasheet(HTML) 25 Page - Bridgetek Pte Ltd.

Back Button BT818Q-R Datasheet HTML 21Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 22Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 23Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 24Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 25Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 26Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 27Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 28Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 29Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 59 page
background image
Copyright © Bridgetek Pte Ltd
25
BT817/8 Advanced Embedded Video Engine Datasheet
Version 1.1
Document No.: BRT_000302 Clearance No.: BRT#154
panel. If PCLK frequency is equal to or higher than system clock frequency (up to double the system
clock frequency), the REG_PCLK_2X needs to be 1 so that the graphics engine can send two pixels per
system clock to the EXTSYNC block. Note that in this 2X mode, the values loaded in the following
registers must be even: REG_HSIZE, REG_HOFFSET, REG_HCYCLE, REG_HSYNC0, REG_HSYNC1.
The PCLK frequency in EXTSYNC mode can be calculated as:
PLL2 frequency = 12MHz * REG_PCLK_FREQ[8:4]
PCLK frequency = PLL2 frequency / REG_PCLK_FREQ[3:0] / 2
REG_PCLK_FREQ[10:9] is determined by PLL2 frequency range:
00: 20 – 40 MHz
01: 40 – 80 MHz
10: 80 – 160 MHz
11: 160 – 228 MHz
Table 4-11 lists some of the valid PCLK frequency and REG_PCLK_FREQ values in EXTSYNC mode.
fpclk
(MHz)
REG_PCLK_
FREQ (hex)
fpclk
(MHz)
REG_PCLK_
FREQ (hex)
fpclk
(MHz)
REG_PCLK_
FREQ (hex)
fpclk
(MHz)
REG_PCLK_
FREQ (hex)
fpclk
(MHz)
REG_PCLK_
FREQ (hex)
96
D01
51
D12
32
D03
22
8B3
10.5
874
90
CF1
48
881
30
451
21
872
10
453
84
CE1
45
CF2
28.5
D34
19.5
8D4
9
32
78
8D1
42
871
28
CE3
18
31
8
443
72
8C1
39
8D2
27
892
16.5
8B4
7.5
454
66
8B1
38
D33
26
8D3
16
883
6
22
60
8A1
36
461
25.5
D14
15
452
4.5
34
57
D32
34
D13
24
441
13.5
894
4
23
54
891
33
8B2
22.5
CF4
12
21
3
24
Table 4-11 RGB PCLK Frequency in EXTSYNC mode
When REG_PCLK is set to 2 to 255, the display out is in pass-through mode, where the PCLK frequency
can be calculated as:
PCLK frequency = System Clock frequency / REG_PCLK
The BT817/8 system clock frequency is programmable. Some of the possible PCLK frequencies that
BT817/8 supports in pass-through mode are listed in Table 4-12.
REG_PCLK
System Clock Frequency (MHz)
72
60(default)
48
36
24
2
36
30
24
18
12
3
24
20
16
12
8.0
4
18
15
12
9.0
6.0
5
14.5
12
9.6
7.2
4.8
6
12
10
8.0
6.0
4.0
7
10.3
8.6
6.9
5.1
3.4
8
9
7.5
6.0
4.5
3.0
9
8
6.7
5.3
4.0
2.7
10
7.2
6.0
4.8
3.6
2.4
Table 4-12 RGB PCLK Frequency in Pass-Through mode
REG_PCLK_POL defines the clock polarity, with 0 for positive active clock edge, and 1 for negative clock
edge.
REG_CSPREAD controls the transition of RGB signals with respect to the PCLK active clock edge. When
REG_CSPREAD=0, R[7:0], G[7:0] and B[7:0] signals change following the active edge of PCLK. When
REG_CSPREAD=1, R[7:0] changes a PCLK clock early and B[7:0] a PCLK clock later, which helps
reduce the switching noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com