Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT818Q-R Datasheet(PDF) 45 Page - Bridgetek Pte Ltd.

Part # BT818Q-R
Description  Advanced Embedded Video Engine Datasheet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

BT818Q-R Datasheet(HTML) 45 Page - Bridgetek Pte Ltd.

Back Button BT818Q-R Datasheet HTML 41Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 42Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 43Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 44Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 45Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 46Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 47Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 48Page - Bridgetek Pte Ltd. BT818Q-R Datasheet HTML 49Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 59 page
background image
Copyright © Bridgetek Pte Ltd
45
BT817/8 Advanced Embedded Video Engine Datasheet
Version 1.1
Document No.: BRT_000302 Clearance No.: BRT#154
6 Devices Characteristics and Ratings
6.1 Absolute Maximum Ratings
The absolute maximum ratings for the BT817/8 devices are as follows. These are in accordance with the
Absolute Maximum Rating System (IEC 60134). Exceeding these may cause permanent damage to the
device.
Parameter
Value
Unit
Storage Temperature
-65 to +150
°C
Floor Life (Out of Bag) At Factory Ambient
(30°C / 60% Relative Humidity)
168 (IPC/JEDEC J-STD-033A MSL Level
3 Compliant)*
Hours
Ambient Temperature (Power Applied)
-40 to +85
°C
VCC Supply Voltage
0 to +4
V
VCCIO Supply Voltage
0 to +4
V
DC Input Voltage
-0.5 to + 5.5V
V
Table 6-1 Absolute Maximum Ratings
* If the devices are stored out of the packaging, beyond this time limit, the devices should be baked
before use. The devices should be ramped up to a temperature of +125°C and baked for up to 17
hours.
6.2 ESD and Latch-up Specifications
Description
Specification
Human Body Mode (HBM)
> ± 2kV
Machine mode (MM)
> ± 200V
Latch-up
> ± 200mA
Table 6-2 ESD and Latch-Up Specifications
6.3 DC Characteristics
Typical condition refers to: VCC=3.3V, VCCIO=3.3V, Ta=25 °C, unless otherwise stated
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
VCCIO1/
VCCIO2/
VCCIO3
VCCIO operating
supply voltage
1.62
1.8
1.98
V
Normal Operation
2.25
2.5
2.75
V
3.0
3.3
3.6
V
VCC/
VCCA
VCC operating
supply voltage
3.0
3.3
3.6
V
Normal Operation
Icc1
Power Down
current
-
0.2
-
mA
Power down
mode
Icc2
Sleep current
-
0.6
-
mA
Sleep Mode
Icc3
Standby current
-
3.6
-
mA
Standby Mode
Icc4
Operating current
-
30
-
mA
Normal Operation
Table 6-3 Operating Voltage and Current
Pin Group
drive strength
1.8V
2.5V
3.3V
Unit
Pin group A: R[7:0], G[7:0], B[7:0], PCLK,
HSYNC, VSYNC, DE, DISP, BACKLIGHT,
CTP_RST_N, CTP_INT_N, CTP_SCL,
CTP_SDA
DSD1
1.2
2
2.5
mA
DSD2
2.4
4
5
mA
DSD3
3.6
6
7.5
mA
DSD4
4.8
8
10
mA
Pin group B: MOSI, MISO, GPIO0/IO2,
GPIO1/IO3, INT_N, GPIO2, GPIO3,
AUDIO_L, SPIM_SCK, SPIM_MOSI,
SPIM_MISO, SPIM_CS_N, SPIM_IO2,
SPIM_IO3
DSD1
2.4
3.8
5
mA
DSD2
4.8
7.6
10
mA
DSD3
7.2
11.4
15
mA
DSD4
9.6
15.2
20
mA
Table 6-4 Digital Output Pin Drive Strength



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com