Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032BEUI Datasheet(PDF) 20 Page - Microchip Technology

Part # SST26VF032BEUI
Description  32 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032BEUI Datasheet(HTML) 20 Page - Microchip Technology

Back Button SST26VF032BEUI Datasheet HTML 16Page - Microchip Technology SST26VF032BEUI Datasheet HTML 17Page - Microchip Technology SST26VF032BEUI Datasheet HTML 18Page - Microchip Technology SST26VF032BEUI Datasheet HTML 19Page - Microchip Technology SST26VF032BEUI Datasheet HTML 20Page - Microchip Technology SST26VF032BEUI Datasheet HTML 21Page - Microchip Technology SST26VF032BEUI Datasheet HTML 22Page - Microchip Technology SST26VF032BEUI Datasheet HTML 23Page - Microchip Technology SST26VF032BEUI Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 76 page
background image
SST26VF032BEUI
DS20006152A-page 20
 2019 Microchip Technology Inc.
FIGURE 5-12:
SET BURST LENGTH SEQUENCE (SPI)
5.10
SQI Read Burst with Wrap (RBSQI)
SQI Read Burst with wrap is similar to High Speed
Read in SQI mode, except data will output continuously
within the burst length until a low-to-high transition on
CE#. To execute a SQI Read Burst operation, drive
CE# low then send the Read Burst command cycle
(0CH), followed by three address cycles, and then
three dummy cycles. Each cycle is two nibbles (clocks)
long, most significant nibble first.
After the dummy cycles, the device outputs data on the
falling edge of the SCK signal starting from the speci-
fied address location. The data output stream is contin-
uous through all addresses until terminated by a low-to-
high transition on CE#.
During RBSQI, the internal address pointer automati-
cally increments until the last byte of the burst is
reached, then it wraps around to the first byte of the
burst. All bursts are aligned to addresses within the
burst length, see Table 5-3. For example, if the burst
length is eight Bytes, and the start address is 06h, the
burst sequence would be: 06h, 07h, 00h, 01h, 02h,
03h, 04h, 05h, 06h, etc. The pattern repeats until the
command is terminated by a low-to-high transition on
CE#.
During this operation, blocks that are Read-locked will
output data 00H.
5.11
SPI Read Burst with Wrap (RBSPI)
SPI Read Burst with Wrap (RBSPI) is similar to SPI
Quad I/O Read except the data will output continuously
within the burst length until a low-to-high transition on
CE#. To execute a SPI Read Burst with Wrap opera-
tion, drive CE# low, then send the Read Burst com-
mand cycle (ECH), followed by three address cycles,
and then three dummy cycles.
After the dummy cycle, the device outputs data on the
falling edge of the SCK signal starting from the speci-
fied address location. The data output stream is contin-
uous through all addresses until terminated by a low-to-
high transition on CE#.
During RBSPI, the internal address pointer automati-
cally increments until the last byte of the burst is
reached, then it wraps around to the first byte of the
burst. All bursts are aligned to addresses within the
burst length, see Table 5-3. For example, if the burst
length is eight Bytes, and the start address is 06h, the
burst sequence would be: 06h, 07h, 00h, 01h, 02h,
03h, 04h, 05h, 06h, etc. The pattern repeats until the
command is terminated by a low-to-high transition on
CE#.
During this operation, blocks that are Read-locked will
output data 00H.
CE#
SIO0
SCK
012345678
12
MODE 3
MODE 0
91011
C0
20005218 F51.0
SIO[3:1]
15
13 14
DIN
Note: SIO[3:1] must be driven VIH.
TABLE 5-3:
BURST ADDRESS RANGES
Burst Length
Burst Address Ranges
8 Bytes
00-07H, 08-0FH, 10-17H, 18-1FH...
16 Bytes
00-0FH, 10-1FH, 20-2FH, 30-3FH...
32 Bytes
00-1FH, 20-3FH, 40-5FH, 60-7FH...
64 Bytes
00-3FH, 40-7FH, 80-BFH, C0-FFH
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com