Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032BEUI Datasheet(PDF) 52 Page - Microchip Technology

Part # SST26VF032BEUI
Description  32 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032BEUI Datasheet(HTML) 52 Page - Microchip Technology

Back Button SST26VF032BEUI Datasheet HTML 48Page - Microchip Technology SST26VF032BEUI Datasheet HTML 49Page - Microchip Technology SST26VF032BEUI Datasheet HTML 50Page - Microchip Technology SST26VF032BEUI Datasheet HTML 51Page - Microchip Technology SST26VF032BEUI Datasheet HTML 52Page - Microchip Technology SST26VF032BEUI Datasheet HTML 53Page - Microchip Technology SST26VF032BEUI Datasheet HTML 54Page - Microchip Technology SST26VF032BEUI Datasheet HTML 55Page - Microchip Technology SST26VF032BEUI Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 76 page
background image
SST26VF032BEUI
DS20006152A-page 52
 2019 Microchip Technology Inc.
10.0 PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
XXX
X
Operating
Device
Device:
SST26VF032BEUI =32 Mbit, 2.5/3.0V, SQI Flash Mem-
ory WP#/Hold# pin Enable at power-up
Tape and
Reel Flag:
T
= Tape and Reel
(blank)
= Tube or Tray
Operating
Frequency:
104
= 104 MHz
Temperature:
I
= -40°C to +85°C
Package:
SM
= SOIJ (5.28 mm), 8-lead
Valid Combinations:
SST26VF032BEUI-104I/SM
SST26VF032BEUIT-104I/SM
X
Tape/Reel
Indicator
Frequency
XX
Package
Temperature
/
–
NOTE: Contact your Microchip Sales Office for Automotive AECQ-100 ordering
information. Valid automotive part numbers are not listed on this page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com