Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032BEUI Datasheet(PDF) 67 Page - Microchip Technology

Part # SST26VF032BEUI
Description  32 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032BEUI Datasheet(HTML) 67 Page - Microchip Technology

Back Button SST26VF032BEUI Datasheet HTML 63Page - Microchip Technology SST26VF032BEUI Datasheet HTML 64Page - Microchip Technology SST26VF032BEUI Datasheet HTML 65Page - Microchip Technology SST26VF032BEUI Datasheet HTML 66Page - Microchip Technology SST26VF032BEUI Datasheet HTML 67Page - Microchip Technology SST26VF032BEUI Datasheet HTML 68Page - Microchip Technology SST26VF032BEUI Datasheet HTML 69Page - Microchip Technology SST26VF032BEUI Datasheet HTML 70Page - Microchip Technology SST26VF032BEUI Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 76 page
background image
 2019 Microchip Technology Inc.
DS20006152A-page 67
SST26VF032BEUI
24FH
A31:A24
06H
Section 1 (bottom) Block Protection Bit End
((2m) +1)+ c, c=06H or 6, m= 6 for 32 Mb
Address bits are Read Lock bit locations and Even Address bits are Write
Lock bit locations. The most significant (left-most) bit indicates the sign of
the integer; it is sometimes called the sign bit. If the sign bit is zero, then
the number is greater than or equal to zero, or positive. If the sign bit is
one then the number is less than zero or negative.
250H
A7:A0
03H
Section 2: Sector Type Number
Sector type in JEDEC Parameter Table (32KB Block)
251H
A15:A8
00H
Section 2 Number of Sectors
One of 32KB Block (2n, n=0)
252H
A23:A16
FDH
Section 2 Block Protection Bit Start
((2m) +1)+ c, c=FDH or -3, m= 6 for 32 Mb
The most significant (left-most) bit indicates the sign of the integer; it is
sometimes called the sign bit. If the sign bit is zero, then the number is
greater than or equal to zero, or positive. If the sign bit is one then the
number is less than zero or negative.
253H
A31:A24
FDH
Section 2 Block Protection Bit End
((2m) +1)+ c, c=FDH or -3, m= 6 for 32 Mb
The most significant (left-most) bit indicates the sign of the integer; it is
sometimes called the sign bit. If the sign bit is zero, then the number is
greater than or equal to zero, or positive. If the sign bit is one then the
number is less than zero or negative.
254H
A7:A0
04H
Section 3: Sector Type Number
Sector type in JEDEC Parameter Table (64KB Block)
255H
A15:A8
06H
Section 3 Number of Sectors
62 of 64KB Blocks (2m-2, m= 6 for 32 Mb)
256H
A23:A16
00H
Section 3 Block Protection Bit Start
Section 3 Block Protection Bit starts at 00H
257H
A31:A24
FCH
Section 3 Block Protection Bit End
((2m) +1)+ c, c=FCH or -4, m= 6 for 32 Mb
258H
A7:A0
03H
Section 4: Sector Type Number
Sector type in JEDEC Parameter Table (32KB Block)
259H
A15:A8
00H
Section 4 Number of Sectors
One of 32KB Block (2^n, n=0)
25AH
A23:A16
FEH
Section 4 Block Protection Bit Start
((2m) +1)+ c, c=FEH or -2, m= 6 for 32 Mb
The most significant (left-most) bit indicates the sign of the integer; it is
sometimes called the sign bit. If the sign bit is zero, then the number is
greater than or equal to zero, or positive. If the sign bit is one then the
number is less than zero or negative.
25BH
A31:A24
FEH
Section 4 Block Protection Bit End
((2m) +1)+ c, c=FEH or -2, m= 6 for 32 Mb
The most significant (left-most) bit indicates the sign of the integer; it is
sometimes called the sign bit. If the sign bit is zero, then the number is
greater than or equal to zero, or positive. If the sign bit is one then the
number is less than zero or negative.
25CH
A7:A0
02H
Section 5 Sector Type Number:
Sector type in JEDEC Parameter Table (top, 8 KByte)
25DH
A15:A8
02H
Section 5 Number of Sectors
Four of 8KB block (2n)
TABLE 11-1:
SERIAL FLASH DISCOVERABLE PARAMETER (SFDP) (CONTINUED) (15 OF 16)
Address
Bit Address
Data
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com