Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032BEUI Datasheet(PDF) 47 Page - Microchip Technology

Part # SST26VF032BEUI
Description  32 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032BEUI Datasheet(HTML) 47 Page - Microchip Technology

Back Button SST26VF032BEUI Datasheet HTML 43Page - Microchip Technology SST26VF032BEUI Datasheet HTML 44Page - Microchip Technology SST26VF032BEUI Datasheet HTML 45Page - Microchip Technology SST26VF032BEUI Datasheet HTML 46Page - Microchip Technology SST26VF032BEUI Datasheet HTML 47Page - Microchip Technology SST26VF032BEUI Datasheet HTML 48Page - Microchip Technology SST26VF032BEUI Datasheet HTML 49Page - Microchip Technology SST26VF032BEUI Datasheet HTML 50Page - Microchip Technology SST26VF032BEUI Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 76 page
background image
 2019 Microchip Technology Inc.
DS20006152A-page 47
SST26VF032BEUI
9.0
PACKAGING INFORMATION
9.1
Package Marking
Legend: XX...X
Part number or part number code)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC® designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC® designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
Part Number
1st Line Marking
Codes
SOIJ
SST26VF032BEUI
26F032B
8-Lead SOIJ (5.28 mm)
Example
26F032B
SM 3
e
1506343



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com