Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032BEUI Datasheet(PDF) 8 Page - Microchip Technology

Part # SST26VF032BEUI
Description  32 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032BEUI Datasheet(HTML) 8 Page - Microchip Technology

Back Button SST26VF032BEUI Datasheet HTML 4Page - Microchip Technology SST26VF032BEUI Datasheet HTML 5Page - Microchip Technology SST26VF032BEUI Datasheet HTML 6Page - Microchip Technology SST26VF032BEUI Datasheet HTML 7Page - Microchip Technology SST26VF032BEUI Datasheet HTML 8Page - Microchip Technology SST26VF032BEUI Datasheet HTML 9Page - Microchip Technology SST26VF032BEUI Datasheet HTML 10Page - Microchip Technology SST26VF032BEUI Datasheet HTML 11Page - Microchip Technology SST26VF032BEUI Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
SST26VF032BEUI
DS20006152A-page 8
 2019 Microchip Technology Inc.
4.3
Security ID
SST26VF032BEUI offers a 2 KByte Security ID (Sec
ID) feature. The Security ID space is divided into two
parts – one factory-programmed, 64-bit segment and
one user-programmable segment. The factory-pro-
grammed segment is programmed during manufactur-
ing with a unique number and cannot be changed. The
user-programmable segment is left unprogrammed for
the customer to program as desired.
Use the Program Security ID (PSID) command to pro-
gram the Security ID using the address shown in Table
5-5. The Security ID can be locked using the Lockout
Security ID (LSID) command. This prevents any future
write operations to the Security ID.
The factory-programmed portion of the Security ID
can’t be programmed by the user; neither the factory-
programmed nor user-programmable areas can be
erased.
4.4
Hold Operation
The HOLD# pin pauses active serial sequences with-
out resetting the clocking sequence. This pin is active
after every power up and only operates during SPI
single-bit and dual-bit modes. Two factory configura-
tions are available: SST26VF032BEUI ships with the
IOC bit set to ‘0’ and the HOLD# pin function enabled;
SST26VF032BEUI ships with the IOC bit set to ‘1’ and
the HOLD# pin function disabled. The HOLD# pin is
always disabled in SQI mode and only works in SPI sin-
gle-bit and dual-bit read mode.
To activate the Hold mode, CE# must be in active low
state. The Hold mode begins when the SCK active low
state coincides with the falling edge of the HOLD# sig-
nal. The Hold mode ends when the HOLD# signal’s ris-
ing edge coincides with the SCK active low state.
If the falling edge of the HOLD# signal does not coin-
cide with the SCK active low state, then the device
enters Hold mode when the SCK next reaches the
active low state. Similarly, if the rising edge of the
HOLD# signal does not coincide with the SCK active
low state, then the device exits Hold mode when the
SCK next reaches the active low state. See Figure 4-3.
Once the device enters Hold mode, SO will be in high
impedance state while SI and SCK can be VIL or VIH.
If CE# is driven active high during a Hold condition, it
resets the internal logic of the device. As long as
HOLD# signal is low, the memory remains in the Hold
condition. To resume communication with the device,
HOLD# must be driven active high, and CE# must be
driven active low.
FIGURE 4-3:
HOLD CONDITION WAVEFORM.
TABLE 4-1:
WRITE PROTECTION LOCK-DOWN STATES
WP#
IOC
WPEN
WPLD
Execute WBPR Instruction
Configuration Register
L
0
1
1
Not Allowed
Protected
L
0
0
1
Not Allowed
Writable
L
0
1
0
Not Allowed
Protected
L01
02
0
Allowed
Writable
H
0
X
1
Not Allowed
Writable
H0
X
0
Allowed
Writable
X
1
X
1
Not Allowed
Writable
X13
02
0
Allowed
Writable
1. Default at power-up Register settings for SST26VF032BEUI
2. Factory default setting is ‘0’. This is a non-volatile bit; default at power-up is the value set prior to power-down.
3. Default at power-up Register settings for SST26VF032BEUI
Active
Hold
Active
Hold
Active
20005218 F46.0
SCK
HOLD#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com