Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032BEUI Datasheet(PDF) 65 Page - Microchip Technology

Part # SST26VF032BEUI
Description  32 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032BEUI Datasheet(HTML) 65 Page - Microchip Technology

Back Button SST26VF032BEUI Datasheet HTML 61Page - Microchip Technology SST26VF032BEUI Datasheet HTML 62Page - Microchip Technology SST26VF032BEUI Datasheet HTML 63Page - Microchip Technology SST26VF032BEUI Datasheet HTML 64Page - Microchip Technology SST26VF032BEUI Datasheet HTML 65Page - Microchip Technology SST26VF032BEUI Datasheet HTML 66Page - Microchip Technology SST26VF032BEUI Datasheet HTML 67Page - Microchip Technology SST26VF032BEUI Datasheet HTML 68Page - Microchip Technology SST26VF032BEUI Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 76 page
background image
 2019 Microchip Technology Inc.
DS20006152A-page 65
SST26VF032BEUI
21AH
A23:A16
FFH
Max. time out from Deep Power-Down mode to Standby mode
0FFH = Reserved
21BH
A31:A24
FFH
Reserved. Bits default to all 1’s.
21CH
A23:A16
FFH
Reserved. Bits default to all 1’s.
21DH
A31:A24
FFH
Reserved. Bits default to all 1’s.
21EH
A23:A16
FFH
Reserved. Bits default to all 1’s.
21FH
A31:A24
FFH
Reserved. Bits default to all 1’s.
Supported Instructions
220H
A7:A0
00H
No Operation
221H
A15:A8
66H
Reset Enable
222H
A23:A16
99H
Reset Memory
223H
A31:A24
38H
Enable Quad I/O
224H
A7:A0
FFH
Reset Quad I/O
225H
A15:A8
05H
Read Status Register
226H
A23:A16
01H
Write Status Register
227H
A31:A24
35H
Read Configuration Register
228H
A7:A0
06H
Write Enable
229H
A15:A8
04H
Write Disable
22AH
A23:A16
02H
Byte Program or Page Program
22BH
A31:A24
32H
SPI Quad Page Program
22CH
A7:A0
B0H
Suspends Program/Erase
22DH
A15:A8
30H
Resumes Program/Erase
22EH
A23:A16
72H
Read Block-Protection register
22FH
A31:A24
42H
Write Block Protection Register
230H
A7:A0
8DH
Lock Down Block Protection Register
231H
A15:A8
E8H
non-Volatile Write-Lock Down Register
232H
A23:A16
98H
Global Block Protection Unlock
233H
A31:A24
88H
Read Security ID
234H
A7:A0
A5H
Program User Security ID Area
235H
A15:A8
85H
Lockout Security ID Programming
236H
A23:A16
C0H
Set Burst Length
237H
A31:A24
9FH
JEDEC-ID
238H
A7:A0
AFH
Quad J-ID
239H
A15:A8
5AH
SFDP
23AH
A23:A16
FFH
Deep Power-Down Mode
FFH = Reserved
23BH
A31:A24
FFH
Release Deep Power-Down Mode
FFH = Reserved
23CH
A4:A0
06H
(1-4-4) SPI nB Burst with Wrap Number of Wait states (dummy
clocks) needed before valid output
00110b: 6 clocks of dummy cycle
A7:A5
(1-4-4) SPI nB Burst with Wrap Number of Mode Bits
000b: Set Mode bits are not supported
23DH
A15:A8
ECH
(1-4-4) SPI nB Burst with Wrap Opcode
TABLE 11-1:
SERIAL FLASH DISCOVERABLE PARAMETER (SFDP) (CONTINUED) (13 OF 16)
Address
Bit Address
Data
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com