Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032BEUI Datasheet(PDF) 60 Page - Microchip Technology

Part # SST26VF032BEUI
Description  32 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032BEUI Datasheet(HTML) 60 Page - Microchip Technology

Back Button SST26VF032BEUI Datasheet HTML 56Page - Microchip Technology SST26VF032BEUI Datasheet HTML 57Page - Microchip Technology SST26VF032BEUI Datasheet HTML 58Page - Microchip Technology SST26VF032BEUI Datasheet HTML 59Page - Microchip Technology SST26VF032BEUI Datasheet HTML 60Page - Microchip Technology SST26VF032BEUI Datasheet HTML 61Page - Microchip Technology SST26VF032BEUI Datasheet HTML 62Page - Microchip Technology SST26VF032BEUI Datasheet HTML 63Page - Microchip Technology SST26VF032BEUI Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 76 page
background image
SST26VF032BEUI
DS20006152A-page 60
 2019 Microchip Technology Inc.
5EH
A19:A16
77H
0111b
A23:A20
Erase Resume to Suspend Interval
The device requires this typical amount of time to make progress on the
erase operation before allowing another suspend.
Interval = 500µs
Erase resume to suspend interval =(count+1)*64µs
A23:A20= 7 =0111b
5FH
A30:A24
38H
Suspend in-progress erase max latency
Maximum time required by the flash device to suspend an in-progress
erase and be ready to accept another command which accesses the
flash array.
Max latency = 25µs
Erase max latency =(count+1)*units
units (00b:128ns, 01b:1µs, 10b:8µs, 11b:64µs)
A28:A24= count = 24 = 11000b
A30:A29 = 1µs =01b
A31
Suspend/Resume supported
0:supported
1:not supported
JEDEC Flash Parameter Table: 13th DWORD
60H
A7:A0
30H
Program Resume Instruction
61H
A15:A8
B0H
Program Suspend Instruction
62H
A23:A16
30H
Resume Instruction
63H
A31:A24
B0H
Suspend Instruction
JEDEC Flash Parameter Table: 14th DWORD
64H
A1:A0
F7H
Reserved = 11b
A7:A2
Status Register Polling Device Busy
111101b: Use of legacy polling is supported by reading the status register
with 05h instruction and checking WIP bit [0] (0=ready, 1=busy)
65H
A14:A8
FFH
Exit Deep Power-down to next operation delay
A15
Exit Power-down Instruction
66H
A22:A16
FFH
Enter Power-down instruction
A23
67H
A30:A24
FFH
Deep Power-down Supported
0:supported
1:not supported
A31
JEDEC Flash Parameter Table: 15th DWORD
68H
A3:A0
29H
4-4-4 mode disable sequences
Xxx1b: issue FF instruction
1xxxb: issue the Soft Reset 66/99 sequence.
A7:A4
4-4-4 mode enable sequences
X_xx1xb: issue instruction 38h
TABLE 11-1:
SERIAL FLASH DISCOVERABLE PARAMETER (SFDP) (CONTINUED) (8 OF 16)
Address
Bit Address
Data
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com