Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032BEUI Datasheet(PDF) 30 Page - Microchip Technology

Part # SST26VF032BEUI
Description  32 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032BEUI Datasheet(HTML) 30 Page - Microchip Technology

Back Button SST26VF032BEUI Datasheet HTML 26Page - Microchip Technology SST26VF032BEUI Datasheet HTML 27Page - Microchip Technology SST26VF032BEUI Datasheet HTML 28Page - Microchip Technology SST26VF032BEUI Datasheet HTML 29Page - Microchip Technology SST26VF032BEUI Datasheet HTML 30Page - Microchip Technology SST26VF032BEUI Datasheet HTML 31Page - Microchip Technology SST26VF032BEUI Datasheet HTML 32Page - Microchip Technology SST26VF032BEUI Datasheet HTML 33Page - Microchip Technology SST26VF032BEUI Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 76 page
background image
SST26VF032BEUI
DS20006152A-page 30
 2019 Microchip Technology Inc.
5.28
Lockout Security ID
The Lockout Security ID instruction prevents any future
changes to the Security ID, and is supported in both
SPI and SQI modes. Prior to the operation, execute
WREN.
To execute a Lockout SID, the host drives CE# low,
sends the Lockout Security ID command cycle (85H),
then drives CE# high. Poll the BUSY bit in the software
status register, or wait TPSID, for the completion of the
Lockout Security ID operation.
5.29
Read-Status Register (RDSR) and
Read-Configuration Register
(RDCR)
The Read-Status Register (RDSR) and Read-Configu-
ration Register (RDCR) commands output the contents
of the Status and Configuration registers. These com-
mands function in both SPI and SQI modes. The Status
register may be read at any time, even during a Write
operation. When a Write is in progress, poll the BUSY
bit before sending any new commands to assure that
the new commands are properly received by the
device.
To Read the Status or Configuration registers, the host
drives CE# low, then sends the Read-Status-Register
command cycle (05H) or the Read Configuration Reg-
ister command (35H). A dummy cycle is required in
SQI mode. Immediately after the command cycle, the
device outputs data on the falling edge of the SCK sig-
nal. The data output stream continues until terminated
by a low-to-high transition on CE#. See Figures 5-28
and 5-29 for the instruction sequence.
FIGURE 5-28:
READ-STATUS-REGISTER AND READ-CONFIGURATION REGISTER
SEQUENCE (SQI)
FIGURE 5-29:
READ-STATUS-REGISTER AND READ-CONFIGURATION REGISTER
SEQUENCE (SPI)
20005218 F11.1
MODE 3
0
SCK
SIO(3:0)
CE#
C1 C0
MODE 0
2
XX
MSN LSN
4
H0 L0
6
H0 L0
8
H0 L0
Dummy
Data Byte
Data Byte
Data Byte
Note: MSN = Most Significant Nibble; LSN = Least Significant Nibble, C[1:0]=05H or 35H
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
20005218 F62.1
MODE 3
SCK
SI
SO
CE#
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
05 or 35
MODE 0
HIGH IMPEDANCE
Status or Configuration
Register Out
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com