Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032BEUI Datasheet(PDF) 44 Page - Microchip Technology

Part # SST26VF032BEUI
Description  32 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032BEUI Datasheet(HTML) 44 Page - Microchip Technology

Back Button SST26VF032BEUI Datasheet HTML 40Page - Microchip Technology SST26VF032BEUI Datasheet HTML 41Page - Microchip Technology SST26VF032BEUI Datasheet HTML 42Page - Microchip Technology SST26VF032BEUI Datasheet HTML 43Page - Microchip Technology SST26VF032BEUI Datasheet HTML 44Page - Microchip Technology SST26VF032BEUI Datasheet HTML 45Page - Microchip Technology SST26VF032BEUI Datasheet HTML 46Page - Microchip Technology SST26VF032BEUI Datasheet HTML 47Page - Microchip Technology SST26VF032BEUI Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 76 page
background image
SST26VF032BEUI
DS20006152A-page 44
 2019 Microchip Technology Inc.
8.0
AC CHARACTERISTICS
TABLE 8-1:
AC OPERATING CHARACTERISTICS (VDD1 = 2.3 - 3.6V)
1. Maximum operating frequency for 2.3-3.6V is 80 MHz and for 2.7-3.6V is 104 MHz.
Symbol
Parameter
Limits - 40 MHz
Limits - 80 MHz
Limits - 104 MHz
Units
Min
Max
Min
Max
Min
Max
FCLK
Serial Clock Frequency
40
80
104
MHz
TCLK
Serial Clock Period
25
12.5
9.6
ns
TSCKH
Serial Clock High Time
11
5.5
4.5
ns
TSCKL
Serial Clock Low Time
11
5.5
4.5
ns
TSCKR2
2. Maximum Rise and Fall time may be limited by TSCKH and TSCKL requirements4
Serial Clock Rise Time (slew rate)
0.1
0.1
0.1
V/ns
TSCKF2
Serial Clock Fall Time (slew rate)
0.1
0.1
0.1
V/ns
TCES3
3. Relative to SCK.
CE# Active Setup Time
8
5
5
ns
TCEH3
CE# Active Hold Time
8
5
5
ns
TCHS3
CE# Not Active Setup Time
8
5
5
ns
TCHH3
CE# Not Active Hold Time
8
5
5
ns
TCPH
CE# High Time
25
12.5
12
ns
TCHZ
CE# High to High-Z Output
19
12.5
12
ns
TCLZ
SCK Low to Low-Z Output
0
0
0
ns
THLS
HOLD# Low Setup Time
8
5
5
ns
THHS
HOLD# High Setup Time
8
5
5
ns
THLH
HOLD# Low Hold Time
8
5
5
ns
THHH
HOLD# High Hold Time
8
5
5
ns
THZ
HOLD# Low-to-High-Z Output
8
8
8
ns
TLZ
HOLD# High-to-Low-Z Output
8
8
8
ns
TDS
Data In Setup Time
3
3
3
ns
TDH
Data In Hold Time
4
4
4
ns
TOH
Output Hold from SCK Change
0
0
0
ns
TV
Output Valid from SCK
8/5 4
4. 30 pF/10 pF
8/5 4
8/5 4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com