Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032BEUI Datasheet(PDF) 25 Page - Microchip Technology

Part # SST26VF032BEUI
Description  32 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032BEUI Datasheet(HTML) 25 Page - Microchip Technology

Back Button SST26VF032BEUI Datasheet HTML 21Page - Microchip Technology SST26VF032BEUI Datasheet HTML 22Page - Microchip Technology SST26VF032BEUI Datasheet HTML 23Page - Microchip Technology SST26VF032BEUI Datasheet HTML 24Page - Microchip Technology SST26VF032BEUI Datasheet HTML 25Page - Microchip Technology SST26VF032BEUI Datasheet HTML 26Page - Microchip Technology SST26VF032BEUI Datasheet HTML 27Page - Microchip Technology SST26VF032BEUI Datasheet HTML 28Page - Microchip Technology SST26VF032BEUI Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 76 page
background image
 2019 Microchip Technology Inc.
DS20006152A-page 25
SST26VF032BEUI
5.18
Block-Erase
The Block-Erase instruction clears all bits in the
selected block to ‘1’. Block sizes can be 8 KByte, 32
KByte or 64 KByte depending on address, see Figure
3-1, Memory Map, for details. A Block-Erase instruction
applied to a protected memory area will be ignored.
Prior to any write operation, execute the WREN instruc-
tion. Keep CE# active low for the duration of any com-
mand sequence.
To execute a Block-Erase operation, the host drives
CE# low then sends the Block-Erase command cycle
(D8H), three address cycles, then drives CE# high.
Address bits AMS-A13 determine the block address
(BAX); the remaining address bits can be VIL or VIH. For
32 KByte blocks, A14:A13 can be VIL or VIH; for 64
KByte blocks, A15:A13 can be VIL or VIH. Poll the BUSY
bit in the Status register, or wait TBE, for the completion
of the internal, self-timed, Block-Erase operation. See
Figures 5-21 and 5-22 for the Block-Erase sequence.
FIGURE 5-21:
BLOCK-ERASE SEQUENCE (SQI)
FIGURE 5-22:
BLOCK-ERASE SEQUENCE (SPI)
20005218 F08.0
MODE 3
0
1
SCK
SIO(3:0)
CE#
C1 C0
MODE 0
2
A5 A4
MSN LSN
4
A3 A2
6
A1 A0
Note: MSN = Most Significant Nibble,
LSN = Least Significant Nibble
C[1:0] = D8H
CE#
SO
SI
SCK
ADDR
01 2 3 4 5 6 7 8
ADDR
ADDR
D8
HIGH IMPEDANCE
15 16
23 24
31
MODE 0
MODE 3
20005218 F58.0
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com