Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032BEUI Datasheet(PDF) 6 Page - Microchip Technology

Part # SST26VF032BEUI
Description  32 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032BEUI Datasheet(HTML) 6 Page - Microchip Technology

Back Button SST26VF032BEUI Datasheet HTML 2Page - Microchip Technology SST26VF032BEUI Datasheet HTML 3Page - Microchip Technology SST26VF032BEUI Datasheet HTML 4Page - Microchip Technology SST26VF032BEUI Datasheet HTML 5Page - Microchip Technology SST26VF032BEUI Datasheet HTML 6Page - Microchip Technology SST26VF032BEUI Datasheet HTML 7Page - Microchip Technology SST26VF032BEUI Datasheet HTML 8Page - Microchip Technology SST26VF032BEUI Datasheet HTML 9Page - Microchip Technology SST26VF032BEUI Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
SST26VF032BEUI
DS20006152A-page 6
 2019 Microchip Technology Inc.
4.0
DEVICE OPERATION
SST26VF032BEUI supports both Serial Peripheral
Interface (SPI) bus protocol and a 4-bit multiplexed SQI
bus protocol. To provide backward compatibility to tra-
ditional SPI Serial Flash devices, the device’s initial
state after a power-on reset is SPI mode which sup-
ports multi-I/O (x1/x2/x4) Read/Write commands. A
command instruction configures the device to SQI
mode. The dataflow in the SQI mode is similar to the
SPI mode, except it uses four multiplexed I/O signals
for command, address, and data sequence.
SQI Flash Memory supports both Mode 0 (0,0) and
Mode 3 (1,1) bus operations. The difference between
the two modes is the state of the SCK signal when the
bus master is in stand-by mode and no data is being
transferred. The SCK signal is low for Mode 0 and SCK
signal is high for Mode 3. For both modes, the Serial
Data I/O (SIO[3:0]) is sampled at the rising edge of the
SCK clock signal for input, and driven after the falling
edge of the SCK clock signal for output. The traditional
SPI protocol uses separate input (SI) and output (SO)
data signals as shown in Figure 4-1. The SQI protocol
uses four multiplexed signals, SIO[3:0], for both data in
and data out, as shown in Figure 4-2. This means the
SQI protocol quadruples the traditional bus transfer
speed at the same clock frequency, without the need
for more pins on the package.
The SST26VF032BEUI is pre-programmed with a
globally unique EUI-48 and EUI-64 identifiers. The
addresses are located in the Serial Flash Discoverable
Parameters (SFDP) table and accessible via the SFDP
read instruction. Refer to See “Pre-Programmed EUI-
48 and EUI-64 Address” on page 72 for address loca-
tions and description.
FIGURE 4-1:
SPI PROTOCOL (TRADITIONAL 25 SERIES SPI DEVICE)
FIGURE 4-2:
SQI SERIAL QUAD I/O PROTOCOL
4.1
Device Protection
SST26VF032BEUI offer a flexible memory protection
scheme that allows the protection state of each individ-
ual block to be controlled separately. In addition, the
Write-Protection Lock-Down register prevents any
change of the lock status during device operation. To
avoid inadvertent writes during power-up, the device is
write-protected by default after a power-on reset cycle.
A Global Block-Protection Unlock command offers a
single command cycle that unlocks the entire memory
array for faster manufacturing throughput.
For extra protection, there is an additional non-volatile
register that can permanently write-protect the Block-
Protection register bits for each individual block. Each
of the corresponding lock-down bits are one time pro-
grammable (OTP)—once written, they cannot be
erased. Data that had been previously programmed
into these blocks cannot be altered by programming or
erase and is not reversible
4.1.1
INDIVIDUAL BLOCK PROTECTION
SST26VF032BEUI have a Block-Protection register
which provides a software mechanism to write-lock the
individual memory blocks and write-lock, and/or read-
lock, the individual parameter blocks. The Block-Pro-
tection register is 80 bits wide: two bits each for the
eight 8 KByte parameter blocks (write-lock and read-
lock), and one bit each for the remaining 32 KByte and
64 KByte overlay blocks (write-lock). See Table 5-6 for
address range protected per register bit.
Each bit in the Block-Protection register (BPR) can be
written to a ‘1’ (protected) or ‘0’ (unprotected). For the
parameter blocks, the most significant bit is for read-
20005218 F03.0
MODE 3
SCK
SI
SO
CE#
MODE 3
DON'T CARE
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
MODE 0
MODE 0
HIGH IMPEDANCE
MSB
MSB
20005218 F04.0
MODE 3
CLK
SIO(3:0)
CE#
MODE 3
C1
C0
A5
A4
A3
A2
A1
A0
H0
L0
H1
L1
H2
L2
H3
L3
MODE 0
MODE 0
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com