Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032BEUI Datasheet(PDF) 59 Page - Microchip Technology

Part # SST26VF032BEUI
Description  32 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032BEUI Datasheet(HTML) 59 Page - Microchip Technology

Back Button SST26VF032BEUI Datasheet HTML 55Page - Microchip Technology SST26VF032BEUI Datasheet HTML 56Page - Microchip Technology SST26VF032BEUI Datasheet HTML 57Page - Microchip Technology SST26VF032BEUI Datasheet HTML 58Page - Microchip Technology SST26VF032BEUI Datasheet HTML 59Page - Microchip Technology SST26VF032BEUI Datasheet HTML 60Page - Microchip Technology SST26VF032BEUI Datasheet HTML 61Page - Microchip Technology SST26VF032BEUI Datasheet HTML 62Page - Microchip Technology SST26VF032BEUI Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 76 page
background image
 2019 Microchip Technology Inc.
DS20006152A-page 59
SST26VF032BEUI
5AH
A18:A16
1DH
A18:A16=101b
A23:A19
Byte Program Typical time, Additional Byte
Typical time = (count+1)*units
23 units (0b: 1µs, 1b: 8µs)
A22:A19 count = 0011b
A23=1μs=0b
5BH
A30:A:24
81H
Chip Erase Typical Time
Typical time = (count+1)*units
16ms to 512ms, 256ms to 8192ms, 4s to 128s, 64s to 2048s
A28:A24 count =1=00001b
A30:A29 units =16ms=00b
A31
Reserved
A31=1b
JEDEC Flash Parameter Table: 12th DWORD
5CH
A3:A0
EDH
Prohibited Operations During Program Suspend
xxx0b: May not initiate a new erase anywhere
xxx1b:May not initiate a new erase in the program suspended page size
xx0xb:May not initiate a new page program anywhere
xx1xb: May not initiate a new page program in program suspended page size.
x0xxb:Refer to the Data Sheet
x1xxb: May not initiate a read in the program suspended page size
0xxxb: Additional erase or program restrictions apply
1xxxb: The erase and program restrictions in bits 1:0 are sufficient
A7:A4
Prohibited Operation During Erase Suspend
xxx0b: May not initiate a new erase anywhere
xxx1b:May not initiate a new erase in the erase suspended page size
xx0xb:May not initiate a new page program anywhere
xx1xb: May not initiate a new page program in erase suspended
erase type size.
x0xxb:Refer to the Data Sheet
x1xxb: May not initiate a read in the erase suspended page size
0xxxb: Additional erase or program restrictions apply
1xxxb: The erase and program restrictions in bits 5:4 are sufficient
5DH
A8
0FH
Reserved = 1b
A12:A9
Program Resume to Suspend Interval
The device requires this typical amount of time to make progress on the
program operation before allowing another suspend.
Interval =500µs
Program resume to suspend interval =(count+1)*64µs
A12:A9= 7 =0111b
A15:A13
Suspend in-progress program max latency
Maximum time required by the flash device to suspend an in-progress
program and be ready to accept another command which accesses the
flash array.
Max latency = 25µs
program max latency =(count+1)*units
units (00b:128ns, 01b:1µs, 10b:8µs, 11b:64µs)
A17:A13= count = 24 = 11000b
A19:A18 = 1µs =01b
TABLE 11-1:
SERIAL FLASH DISCOVERABLE PARAMETER (SFDP) (CONTINUED) (7 OF 16)
Address
Bit Address
Data
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com