Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032BEUI Datasheet(PDF) 69 Page - Microchip Technology

Part # SST26VF032BEUI
Description  32 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032BEUI Datasheet(HTML) 69 Page - Microchip Technology

Back Button SST26VF032BEUI Datasheet HTML 65Page - Microchip Technology SST26VF032BEUI Datasheet HTML 66Page - Microchip Technology SST26VF032BEUI Datasheet HTML 67Page - Microchip Technology SST26VF032BEUI Datasheet HTML 68Page - Microchip Technology SST26VF032BEUI Datasheet HTML 69Page - Microchip Technology SST26VF032BEUI Datasheet HTML 70Page - Microchip Technology SST26VF032BEUI Datasheet HTML 71Page - Microchip Technology SST26VF032BEUI Datasheet HTML 72Page - Microchip Technology SST26VF032BEUI Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 76 page
background image
 2019 Microchip Technology Inc.
DS20006152A-page 69
SST26VF032BEUI
A Major Section consists of Sector Type Number, Num-
ber of Sector of this type, and the Block-Protection Bit
Start/End locations. This is tied directly to JEDEC Flash
Parameter Table Sector Size Type (in 7th DWORD and
8th DWORD section). Note that the contiguous 4KByte
Sectors across the full memory range are not included
on this section because they are not defined in the
JEDEC Flash Parameter Table Sector Size Type sec-
tion. Only the sectors/blocks that are dependently tied
with the Block-Protection Register bits are defined. A
major section is a partition of contiguous same-size
sectors/blocks. There will be several Major Sections as
you dissect across memory from 000000h to the full
range. Similar sector/block size that re-appear may be
defined as a different Major Section.
11.1.1
SECTOR TYPE NUMBER
Sector Type Number is the sector/block size type
defined in JEDEC Flash Parameter Table: SFDP
address locations 4CH, 4EH, 50H, and 52H. Sector
Type 1, which is represented by 01H, is located at
address 4CH. Sector Type 2, which is represented by
02H, is located at address location 4EH. Sector Type 3,
which is represented by 03H, is located at address
location 50H. Sector Type 4, represented by 04H, is
located at address location 52H. Contiguous Same
Sector Type # Size can re-emerge across the memory
range and this Sector Type # will indicate that it is a
separate/independent Major Section from the previous
contiguous sectors/blocks.
11.1.2
NUMBER OF SECTORS
Number of Sectors represents the number of contigu-
ous sectors/blocks with similar size. A formula calcu-
lates the contiguous sectors/blocks with similar size.
Given the sector/block size, type, and the number of
sectors, the address range of these sectors/blocks can
be determined along with specific Block Locking Reg-
ister bits that control the read/write protection of each
sectors/blocks.
TABLE 11-2:
SECTION DEFINITION
Major Section X
Section X: Sector Type Number
Section X: Number of Sectors
Section X: Block-Protection Register Bit Start Location
Section X: Block-Protection Register Bit End Location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com