Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032BEUI Datasheet(PDF) 1 Page - Microchip Technology

Part # SST26VF032BEUI
Description  32 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032BEUI Datasheet(HTML) 1 Page - Microchip Technology

  SST26VF032BEUI Datasheet HTML 1Page - Microchip Technology SST26VF032BEUI Datasheet HTML 2Page - Microchip Technology SST26VF032BEUI Datasheet HTML 3Page - Microchip Technology SST26VF032BEUI Datasheet HTML 4Page - Microchip Technology SST26VF032BEUI Datasheet HTML 5Page - Microchip Technology SST26VF032BEUI Datasheet HTML 6Page - Microchip Technology SST26VF032BEUI Datasheet HTML 7Page - Microchip Technology SST26VF032BEUI Datasheet HTML 8Page - Microchip Technology SST26VF032BEUI Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
 2019 Microchip Technology Inc.
DS20006152A-page 1
Features
• Factory-Programmed with EUI-48 and EUI-64
Globally Unique Identifier
- Secure, read-only access in Serial Flash
Discoverable Parameter (SFDP) table
• Single Voltage Read and Write Operations
- 2.7-3.6V or 2.3-3.6V
• Serial Interface Architecture
- Nibble-wide multiplexed I/O’s with SPI-like serial
command structure
- Mode 0 and Mode 3
- x1/x2/x4 Serial Peripheral Interface (SPI) Protocol
• High Speed Clock Frequency
- 2.7-3.6V: 104 MHz max
- 2.3-3.6V: 80 MHz max
• Burst Modes
- Continuous linear burst
- 8/16/32/64 Byte linear burst with wrap-around
• Superior Reliability
- Endurance: 100,000 Cycles (min)
- Greater than 100 years Data Retention
• Low Power Consumption:
- Active Read current: 15 mA (typical @ 104 MHz)
- Standby Current: 15 µA (typical)
• Fast Erase Time
- Sector/Block Erase: 18 ms (typ), 25 ms (max)
- Chip Erase: 35 ms (typ), 50 ms (max)
• Page-Program
- 256 Bytes per page in x1 or x4 mode
•End-of-Write Detection
- Software polling the BUSY bit in status register
• Flexible Erase Capability
- Uniform 4 KByte sectors
- Four 8 KByte top and bottom parameter overlay
blocks
- One 32 KByte top and bottom overlay block
- Uniform 64 KByte overlay blocks
• Write-Suspend
- Suspend Program or Erase operation to access
another block/sector
• Software Reset (RST) mode
• Software Write Protection
- Individual-Block Write Protection with permanent
lock-down capability
- 64 KByte blocks, two 32 KByte blocks, and
eight 8 KByte parameter blocks
- Read Protection on top and bottom 8 KByte
parameter blocks
• Security ID
- One-Time Programmable (OTP) 2 KByte, Secure ID
- 64 bit unique, factory pre-programmed identifier
- User-programmable area
• Temperature Range
- Industrial: -40°C to +85°C
• Automotive AECQ-100 Qualified
• Packages Available
- 8-lead SOIJ (5.28 mm)
• All devices are RoHS compliant
Product Description
The Serial Quad I/O™ (SQI™) family of flash-memory
devices features a six-wire, 4-bit I/O interface that allows for
low-power, high-performance operation in a low pin-count
package. SST26VF032BEUI also support full command-set
compatibility to traditional Serial Peripheral Interface (SPI)
protocol. System designs using SQI flash devices occupy
less board space and ultimately lower system costs.
All members of the 26 Series, SQI family are manufactured
with proprietary, high-performance CMOS SuperFlash®
technology. The split-gate cell design and thick-oxide tun-
neling injector attain better reliability and manufacturability
compared with alternate approaches.
SST26VF032BEUI significantly improve performance and
reliability, while lowering power consumption. These devices
write (Program or Erase) with a single power supply of 2.3-
3.6V. The total energy consumed is a function of the applied
voltage, current, and time of application. Since for any given
voltage range, the SuperFlash technology uses less current
to program and has a shorter erase time, the total energy
consumed during any Erase or Program operation is less
than alternative flash memory technologies.
SST26VF032BEUI is offered in 8-lead SOIJ (5.28 mm).
See Figure 2-1 for pin assignments.
SST26VF032BEUI default at power-up has the WP#
and HOLD# pins enabled, and the SIO2 and SIO3
pins disabled, to initiate SPI-protocol operations.See
“I/O Configuration (IOC)” on page 11 for more
information about configuring WP#/HOLD# and SIO2/
SIO3 pins.
SST26VF032BEUI
32 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™
and EUI-64™ Identifier


Similar Part No. - SST26VF032BEUI

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST26VF032B MICROCHIP-SST26VF032B Datasheet
927Kb / 77P
2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF032B MICROCHIP-SST26VF032B Datasheet
2Mb / 82P
2.5V/3.0V 32-Mbit Serial Quad I/O™ (SQI™) Flash Memory
Revision K March 2022
SST26VF032B-104I/MF MICROCHIP-SST26VF032B-104I/MF Datasheet
927Kb / 77P
2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF032B-104I/MF MICROCHIP-SST26VF032B-104I/MF Datasheet
2Mb / 82P
2.5V/3.0V 32-Mbit Serial Quad I/O™ (SQI™) Flash Memory
Revision K March 2022
SST26VF032B-104I/SM MICROCHIP-SST26VF032B-104I/SM Datasheet
927Kb / 77P
2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
More results

Similar Description - SST26VF032BEUI

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA02E48 MICROCHIP-24AA02E48_13 Datasheet
632Kb / 30P
2K I2C??Serial EEPROMs with EUI-48??or EUI-64??Node Identity
2008-2013
logo
Silicon Storage Technol...
SST26VF016 SST-SST26VF016_13 Datasheet
386Kb / 39P
Serial Quad I/O SQI Flash Memory
logo
Microchip Technology
SST26VF064B MICROCHIP-SST26VF064B_15 Datasheet
3Mb / 85P
2.5V/3.0V 64 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF032B MICROCHIP-SST26VF032B Datasheet
927Kb / 77P
2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF064BEUI MICROCHIP-SST26VF064BEUI Datasheet
950Kb / 81P
64 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48??and EUI-64??Identifier
08/15/18
SST26VF064B MICROCHIP-SST26VF064B_V01 Datasheet
1Mb / 90P
2.5V/3.0V 64-Mbit Serial Quad I/O??(SQI?? Flash Memory
09/14/21
SST26VF016BEUI MICROCHIP-SST26VF016BEUI Datasheet
3Mb / 78P
16 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
Revision A / Jan 2019
SST26VF020A MICROCHIP-SST26VF020A Datasheet
2Mb / 74P
2.5V/3.0V 2-Mbit Serial Quad I/O™ (SQI™) Flash Memory
Revision C / October 2021
SST26WF064C MICROCHIP-SST26WF064C Datasheet
4Mb / 94P
1.8V, 64 Mbit Serial Quad I/O (SQI) Flash Memory
Revision C / Sept 2018
11AA02E64 MICROCHIP-11AA02E64 Datasheet
589Kb / 31P
2K UNI/O® Serial EEPROMs with EUI-48™ or EUI-64™ Node Identity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com