Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032BEUI Datasheet(PDF) 10 Page - Microchip Technology

Part # SST26VF032BEUI
Description  32 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032BEUI Datasheet(HTML) 10 Page - Microchip Technology

Back Button SST26VF032BEUI Datasheet HTML 6Page - Microchip Technology SST26VF032BEUI Datasheet HTML 7Page - Microchip Technology SST26VF032BEUI Datasheet HTML 8Page - Microchip Technology SST26VF032BEUI Datasheet HTML 9Page - Microchip Technology SST26VF032BEUI Datasheet HTML 10Page - Microchip Technology SST26VF032BEUI Datasheet HTML 11Page - Microchip Technology SST26VF032BEUI Datasheet HTML 12Page - Microchip Technology SST26VF032BEUI Datasheet HTML 13Page - Microchip Technology SST26VF032BEUI Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
SST26VF032BEUI
DS20006152A-page 10
 2019 Microchip Technology Inc.
4.5.1
WRITE-ENABLE LATCH (WEL)
The Write-Enable Latch (WEL) bit indicates the status
of the internal memory’s Write-Enable Latch. If the
WEL bit is set to ‘1’, the device is write enabled. If the
bit is set to ‘0’ (reset), the device is not write enabled
and does not accept any memory Program or Erase,
Protection Register Write, or Lock-Down commands.
The Write-Enable Latch bit is automatically reset under
the following conditions:
• Power-up
•Reset
• Write-Disable (WRDI) instruction
• Page-Program instruction completion
• Sector-Erase instruction completion
• Block-Erase instruction completion
• Chip-Erase instruction completion
• Write-Block-Protection register instruction
• Lock-Down Block-Protection register instruction
• Program Security ID instruction completion
• Lockout Security ID instruction completion
• Write-Suspend instruction
• SPI Quad Page program instruction completion
• Write Status Register
4.5.2
WRITE SUSPEND ERASE STATUS
(WSE)
The Write Suspend-Erase status (WSE) indicates
when an Erase operation has been suspended. The
WSE bit is ‘1’ after the host issues a suspend command
during an Erase operation. Once the suspended Erase
resumes, the WSE bit is reset to ‘0’.
4.5.3
WRITE SUSPEND PROGRAM
STATUS (WSP)
The Write Suspend-Program status (WSP) bit indicates
when a Program operation has been suspended. The
WSP is ‘1’ after the host issues a suspend command
during the Program operation. Once the suspended
Program resumes, the WSP bit is reset to ‘0’.
4.5.4
WRITE PROTECTION LOCK-DOWN
STATUS (WPLD)
The Write Protection Lock-Down status (WPLD) bit
indicates when the Block-Protection register is locked-
down to prevent changes to the protection settings.
The WPLD is ‘1’ after the host issues a Lock-Down
Block-Protection command. After a power cycle, the
WPLD bit is reset to ‘0’.
4.5.5
SECURITY ID STATUS (SEC)
The Security ID Status (SEC) bit indicates when the
Security ID space is locked to prevent a Write com-
mand. The SEC is ‘1’ after the host issues a Lockout
SID command. Once the host issues a Lockout SID
command, the SEC bit can never be reset to ‘0.’
4.5.6
BUSY
The Busy bit determines whether there is an internal
Erase or Program operation in progress. If the BUSY
bit is ‘1’, the device is busy with an internal Erase or
Program operation. If the bit is ‘0’, no Erase or Program
operation is in progress.
4.5.7
CONFIGURATION REGISTER
The Configuration register is a Read/Write register that
stores a variety of configuration information. See Table
4-3 for the function of each bit in the register.
TABLE 4-3:
CONFIGURATION REGISTER
Bit
Name
Function
Default at Power-up
Read/Write (R/W)
0RES
Reserved
0
R
1
IOC
I/O Configuration for SPI Mode
1 = WP# and HOLD# pins disabled
0 = WP# and HOLD# pins enabled
01
1. SST26VF032BEUI default at Power-up is ‘0’
SST26VF032BEUI default at Power-up is ‘1’
R/W
2RES
Reserved
0
R
3
BPNV
Block-Protection Volatility State
1 = No memory block has been permanently locked
0 = Any block has been permanently locked
1R
4RES
Reserved
0
R
5RES
Reserved
0
R
6RES
Reserved
0
R
7
WPEN
Write-Protection Pin (WP#) Enable
1 = WP# enabled
0 = WP# disabled
02
2. Factory default setting. This is a non-volatile bit; default at power-up will be the setting prior to power-down.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com