Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032BEUI Datasheet(PDF) 14 Page - Microchip Technology

Part # SST26VF032BEUI
Description  32 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032BEUI Datasheet(HTML) 14 Page - Microchip Technology

Back Button SST26VF032BEUI Datasheet HTML 10Page - Microchip Technology SST26VF032BEUI Datasheet HTML 11Page - Microchip Technology SST26VF032BEUI Datasheet HTML 12Page - Microchip Technology SST26VF032BEUI Datasheet HTML 13Page - Microchip Technology SST26VF032BEUI Datasheet HTML 14Page - Microchip Technology SST26VF032BEUI Datasheet HTML 15Page - Microchip Technology SST26VF032BEUI Datasheet HTML 16Page - Microchip Technology SST26VF032BEUI Datasheet HTML 17Page - Microchip Technology SST26VF032BEUI Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 76 page
background image
SST26VF032BEUI
DS20006152A-page 14
 2019 Microchip Technology Inc.
5.1
No Operation (NOP)
The No Operation command only cancels a Reset
Enable command. NOP has no impact on any other
command.
5.2
Reset-Enable (RSTEN) and Reset
(RST)
The Reset operation is used as a system (software)
reset that puts the device in normal operating Ready
mode. This operation consists of two commands:
Reset-Enable (RSTEN) followed by Reset (RST).
To reset the SST26VF032BEUI, the host drives CE#
low, sends the Reset-Enable command (66H), and
drives CE# high. Next, the host drives CE# low again,
sends the Reset command (99H), and drives CE# high,
see Figure 5-1.
The Reset operation requires the Reset-Enable com-
mand followed by the Reset command. Any command
other than the Reset command after the Reset-Enable
command will disable the Reset-Enable.
Once the Reset-Enable and Reset commands are suc-
cessfully executed, the device returns to normal opera-
tion Read mode and then does the following: resets the
protocol to SPI mode, resets the burst length to 8
Bytes, clears all the bits, except for bit 4 (WPLD) and
bit 5 (SEC), in the Status register to their default states,
and clears bit 1 (IOC) in the configuration register to its
default state. A device reset during an active Program
or Erase operation aborts the operation, which can
cause the data of the targeted address range to be cor-
rupted or lost. Depending on the prior operation, the
reset timing may vary. Recovery from a Write operation
requires more latency time than recovery from other
operations. See Table 8-2 on page 45 for Rest timing
parameters.
FIGURE 5-1:
RESET SEQUENCE
5.3
Read (40 MHz)
The Read instruction, 03H, is supported in SPI bus pro-
tocol only with clock frequencies up to 40 MHz. This
command is not supported in SQI bus protocol. The
device outputs the data starting from the specified
address location, then continuously streams the data
output through all addresses until terminated by a low-
to-high transition on CE#. The internal address pointer
will automatically increment until the highest memory
address is reached. Once the highest memory address
is reached, the address pointer will automatically return
to the beginning (wrap-around) of the address space.
Initiate the Read instruction by executing an 8-bit com-
mand, 03H, followed by address bits A[23:0]. CE# must
remain active low for the duration of the Read cycle.
See Figure 5-2 for Read Sequence.
FIGURE 5-2:
READ SEQUENCE (SPI)
20005218 F05.0
MODE 3
CLK
SIO(3:0)
CE#
MODE 3
C1
C3 C2
C0
MODE 0
MODE 3
MODE 0
MODE 0
TCPH
Note: C[1:0] = 66H; C[3:2] = 99H
20005218 F29.0
CE#
SO
SI
SCK
ADD.
01 2 3 4 5 6 7 8
ADD.
ADD.
03
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
70
47 48
55 56
63 64
N+2
N+3
N+4
N
N+1
DOUT
MSB
MSB
MSB
MODE 0
MODE 3
DOUT
DOUT
DOUT
DOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com