Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032BEUI Datasheet(PDF) 23 Page - Microchip Technology

Part # SST26VF032BEUI
Description  32 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032BEUI Datasheet(HTML) 23 Page - Microchip Technology

Back Button SST26VF032BEUI Datasheet HTML 19Page - Microchip Technology SST26VF032BEUI Datasheet HTML 20Page - Microchip Technology SST26VF032BEUI Datasheet HTML 21Page - Microchip Technology SST26VF032BEUI Datasheet HTML 22Page - Microchip Technology SST26VF032BEUI Datasheet HTML 23Page - Microchip Technology SST26VF032BEUI Datasheet HTML 24Page - Microchip Technology SST26VF032BEUI Datasheet HTML 25Page - Microchip Technology SST26VF032BEUI Datasheet HTML 26Page - Microchip Technology SST26VF032BEUI Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 76 page
background image
 2019 Microchip Technology Inc.
DS20006152A-page 23
SST26VF032BEUI
5.14
JEDEC-ID Read (SPI Protocol)
Using traditional SPI protocol, the JEDEC-ID Read
instruction identifies the device as SST26VF032BEUI
and the manufacturer as Microchip®. To execute a
JECEC-ID operation the host drives CE# low then
sends the JEDEC-ID command cycle (9FH).
Immediately
following
the
command
cycle,
SST26VF032BEUI output data on the falling edge of
the SCK signal. The data output stream is continuous
until terminated by a low-to-high transition on CE#. The
device outputs three bytes of data: manufacturer,
device type, and device ID, see Table 5-4. See Figure
5-16 for instruction sequence.
FIGURE 5-16:
JEDEC-ID SEQUENCE (SPI)
5.15
Read Quad J-ID Read (SQI
Protocol)
The Read Quad J-ID Read instruction identifies the
device as SST26VF032BEUI and manufacturer as
Microchip. To execute a Quad J-ID operation the host
drives CE# low and then sends the Quad J-ID com-
mand cycle (AFH). Each cycle is two nibbles (clocks)
long, most significant nibble first.
Immediately following the command cycle and one
dummy cycle, SST26VF032BEUI output data on the
falling edge of the SCK signal. The data output stream
is continuous until terminated by a low-to-high transi-
tion of CE#. The device outputs three bytes of data:
manufacturer, device type, and device ID, see Table 5-
4. See Figure 5-17 for instruction sequence.
FIGURE 5-17:
QUAD J-ID READ SEQUENCE
TABLE 5-4:
DEVICE ID DATA OUTPUT
Product
Manufacturer ID (Byte 1)
Device ID
Device Type (Byte 2)
Device ID (Byte 3)
SST26VF032BEUI
BFH
26H
42H
26
Device ID
20005218 F38.0
CE#
SO
SI
SCK
012345678
HIGH IMPEDANCE
15 16
14
28 29 30 31
BF
MODE 3
MODE 0
MSB
MSB
9 10111213
1718
32
34
9F
19 20 21 22 23
33
24 25 26 27
BFH
Device ID
Dummy
BFH
MSN
LSN
26H
26H
N
20005218 F55.0
01
2
SCK
SIO(3:0)
CE#
C1
C0
X
X
H0
L0
H1
L1
H0
L1
H1
L0
HN
LN
78
11
10
913
12
N
MODE 3
MODE 0
34
5
6
H2
L2
Note: MSN = Most significant Nibble; LSN= Least Significant Nibble. C{1:0]=AFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com