Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1504ASV Datasheet(PDF) 2 Page - Microchip Technology

Part # ATF1504ASV
Description  ATF1504ASV(L) 3.3V 64-Macrocell CPLD Data Sheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATF1504ASV Datasheet(HTML) 2 Page - Microchip Technology

  ATF1504ASV Datasheet HTML 1Page - Microchip Technology ATF1504ASV Datasheet HTML 2Page - Microchip Technology ATF1504ASV Datasheet HTML 3Page - Microchip Technology ATF1504ASV Datasheet HTML 4Page - Microchip Technology ATF1504ASV Datasheet HTML 5Page - Microchip Technology ATF1504ASV Datasheet HTML 6Page - Microchip Technology ATF1504ASV Datasheet HTML 7Page - Microchip Technology ATF1504ASV Datasheet HTML 8Page - Microchip Technology ATF1504ASV Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
 2019 Microchip Technology Inc.
DS20006185A-page 2
ATF1504ASV/ATF1504ASVL
Each of the 64 macrocells generates a buried feedback
that goes to the global bus. Each input and I/O pin also
feeds into the global bus. The switch matrix in each
logic block then selects 40 individual signals from the
global bus. Each macrocell also generates a foldback
logic term that goes to a regional bus.
Cascade logic between macrocells in the ATF1504-
ASV(L) allows fast, efficient generation of complex
logic functions. The ATF1504ASV(L) contains four
such logic chains, each capable of creating sum term
logic with a fan-in of up to 40 product terms.
The ATF1504ASV(L) macrocell (see ATF1504ASV(L)
Macrocell), is flexible enough to support highly complex
logic functions operating at high speed. The macrocell
consists of five sections: product terms and product
term select multiplexer, OR/XOR/CASCADE logic, a
flip-flop, output select and enable, and logic array
inputs.
ATF1504ASV(L) Macrocell



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com