Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1504ASV Datasheet(PDF) 8 Page - Microchip Technology

Part # ATF1504ASV
Description  ATF1504ASV(L) 3.3V 64-Macrocell CPLD Data Sheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATF1504ASV Datasheet(HTML) 8 Page - Microchip Technology

Back Button ATF1504ASV Datasheet HTML 4Page - Microchip Technology ATF1504ASV Datasheet HTML 5Page - Microchip Technology ATF1504ASV Datasheet HTML 6Page - Microchip Technology ATF1504ASV Datasheet HTML 7Page - Microchip Technology ATF1504ASV Datasheet HTML 8Page - Microchip Technology ATF1504ASV Datasheet HTML 9Page - Microchip Technology ATF1504ASV Datasheet HTML 10Page - Microchip Technology ATF1504ASV Datasheet HTML 11Page - Microchip Technology ATF1504ASV Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
 2019 Microchip Technology Inc.
DS20006185A-page 8
ATF1504ASV/ATF1504ASVL
1.0
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (†)
Temperature under bias ............................................................................................................................-40°C to +85°C
Storage temperature ...............................................................................................................................-65°C to +150°C
Voltage on any pin with respect to ground(1).............................................................................................. -2.0V to +7.0V
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
Note 1: Minimum voltage is -0.6V DC, which may undershoot to -2.0V for pulses of less than 20 ns. Maximum
output pin voltage is VCC + 0.75V DC, which may overshoot to 7.0V for pulses of less than 20 ns.
TABLE 1-1:
DC AND AC OPERATING CONDITIONS
Industrial
Operating Temperature (Ambient)
-40°C to +85°C
VCC (VCCIO/VCCINT) Power Supply
3.0V to 3.6V
TABLE 1-2:
DC CHARACTERISTICS
Symbol
Parameter
Minimum
Typical
Maximum
Units
Condition
IIL
Input or I/O Low Leakage
Current
—-2
-10
µA
VIN =GND
IIH
Input or I/O High Leakage
Current
—2
10
µA
VIN =VCC
IOZ
Tri-State Output Off-State
Current
-40
—
40
µA
VO =VCC or GND
ICC1
Power Supply Current,
Standby
—75
—
mA
VCC =Max
VIN =0, VCC
Std power
—5
—
µA
VCC =Max
VIN =0, VCC
“L” power
ICC2
Power Supply Current,
Power-Down mode
—0.1
5
mA
VCC =Max
VIN =0, VCC
“PD” mode
ICC3(1)
Reduced Power mode
Supply Current, Standby
—55
—
mA
VCC =Max
VIN =0, VCC
Std power
VIL
Input Low Voltage
-0.3
—
0.8
V
VIH
Input High Voltage
1.7
—
VCCIO +0.3
V
VOL
Output Low Voltage
(3.3V TTL)
—
—
0.45
V
VIN =VIH or VIL
VCCIO =Min, IOL =8mA
Output Low Voltage
(3.3V CMOS)
——
0.2
V
VIN =VIH or VIL
VCCIO =Min, IOL =0.1 mA
VOH
Output High Voltage
(3.3V TTL)
2.4
—
—
V
VIN =VIH or VIL
VCCIO =Min, IOH =-1.5mA
Output High Voltage
(3.3V CMOS)
VCCIO -0.2
—
—
V
VIN =VIH or VIL
VCCIO =Min, IOH =-0.1mA
Note 1: When macrocell reduced-power feature is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com