Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1504ASV Datasheet(PDF) 9 Page - Microchip Technology

Part # ATF1504ASV
Description  ATF1504ASV(L) 3.3V 64-Macrocell CPLD Data Sheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATF1504ASV Datasheet(HTML) 9 Page - Microchip Technology

Back Button ATF1504ASV Datasheet HTML 5Page - Microchip Technology ATF1504ASV Datasheet HTML 6Page - Microchip Technology ATF1504ASV Datasheet HTML 7Page - Microchip Technology ATF1504ASV Datasheet HTML 8Page - Microchip Technology ATF1504ASV Datasheet HTML 9Page - Microchip Technology ATF1504ASV Datasheet HTML 10Page - Microchip Technology ATF1504ASV Datasheet HTML 11Page - Microchip Technology ATF1504ASV Datasheet HTML 12Page - Microchip Technology ATF1504ASV Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
 2019 Microchip Technology Inc.
DS20006185A-page 9
ATF1504ASV/ATF1504ASVL
Timing Model
TABLE 1-3:
PIN CAPACITANCE
Typical
Maximum
Units
Conditions
CIN
—8
pF
VIN =0V; f=1.0MHz
CI/O
—8
pF
VOUT =0V; f=1.0MHz
Note 1: Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
2: The OGI pin (high-voltage pin during programming) has a maximum capacitance of 12 pF.
TABLE 1-4:
AC CHARACTERISTICS
Symbol
Parameter
-15
-20
Units
Min.
Max.
Min.
Max.
tPD1
Input or Feedback to Non-Registered Output
3
15
—
20
ns
tPD2
I/O Input or Feedback to Non-Registered Feedback
3
12
—
16
ns
tSU
Global Clock Setup Time
11
—
13.5
—
ns
tH
Global Clock Hold Time
0
—
0
—
ns
tFSU
Global Clock Setup Time of Fast Input
3
—
3
—
ns
tFH
Global Clock Hold Time of Fast Input
1.0
—
2
—
ns
tCOP
Global Clock to Output Delay
—
9
—
12
ns
tCH
Global Clock High Time
5
—
6
—
ns
tCL
Global Clock Low Time
5
—
6
—
ns
tASU
Array Clock Setup Time
5
—
7
—
ns
tAH
Array Clock Hold Time
4
—
4
—
ns
tACOP
Array Clock Output Delay
—
15
—
18.5
ns
tACH
Array Clock High Time
6
—
8
—
ns
Input
Delay
t
IN
Switch
Matrix
t
UIM
Foldback Term
Delay
t
SEXP
Register Control
Delay
t
LAC
t
IC
t
EN
Logic Array
Delay
t
LAD
Global Control
Delay
t
GLOB
Internal Output
Enable Delay
t
IOE
Cascade Logic
Delay
t
PEXP
Fast Input
Delay
t
FIN
Register
Delay
t
SU
t
H
t
PRE
t
CLR
t
RD
t
COMB
t
FSU
t
FH
Output
Delay
t
OD1
t
OD2
t
OD3
t
XZ
t
ZX1
t
ZX2
t
ZX3
I/O
Delay
t
IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com