Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1504ASV Datasheet(PDF) 12 Page - Microchip Technology

Part # ATF1504ASV
Description  ATF1504ASV(L) 3.3V 64-Macrocell CPLD Data Sheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATF1504ASV Datasheet(HTML) 12 Page - Microchip Technology

Back Button ATF1504ASV Datasheet HTML 8Page - Microchip Technology ATF1504ASV Datasheet HTML 9Page - Microchip Technology ATF1504ASV Datasheet HTML 10Page - Microchip Technology ATF1504ASV Datasheet HTML 11Page - Microchip Technology ATF1504ASV Datasheet HTML 12Page - Microchip Technology ATF1504ASV Datasheet HTML 13Page - Microchip Technology ATF1504ASV Datasheet HTML 14Page - Microchip Technology ATF1504ASV Datasheet HTML 15Page - Microchip Technology ATF1504ASV Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
 2019 Microchip Technology Inc.
DS20006185A-page 12
ATF1504ASV/ATF1504ASVL
JTAG-BST/ISP Overview
The JTAG boundary-scan testing is controlled by the
Test Access Port (TAP) controller in the ATF1504-
ASV(L). The boundary-scan technique involves the
inclusion of a shift-register stage (contained in a bound-
ary-scan cell) adjacent to each component so that sig-
nals at component boundaries can be controlled and
observed using scan testing principles. Each input pin
and I/O pin has its own boundary-scan cell (BSC) in
order to support boundary-scan testing.
The ATF1504ASV(L) does not include a Test Reset
(TRST) input pin because the TAP controller is auto-
matically reset at power-up. The five JTAG modes sup-
ported
include:
SAMPLE/PRELOAD,
EXTEST,
BYPASS, IDCODE and HIGHZ. The ATF1504ASV(L)’s
ISP can be fully described using JTAG’s BSDL as
described in IEEE Standard 1149.1. This allows
ATF1504ASV(L) programming to be described and
implemented using any one of the third-party develop-
ment tools supporting this standard.
The ATF1504ASV(L) has the option of using four
JTAG-standard I/O pins for boundary-scan testing
(BST) and in-system programming (ISP) purposes.
The ATF1504ASV(L) is programmable through the four
JTAG pins using the IEEE standard JTAG program-
ming protocol established by IEEE Standard 1149.1
using 3.3V TTL/CMOS-level programming signals from
the ISP interface for in-system programming. The
JTAG feature is a programmable option. If JTAG (BST
or ISP) is not needed, then the four JTAG control pins
are available as I/O pins.
JTAG Boundary-Scan Cell (BSC)
The ATF1504ASV(L) contains up to 64 I/O pins and
four input pins, depending on the device type and pack-
age type selected. Each input pin and I/O pin has its
own boundary-scan cell (BSC) in order to support
boundary-scan testing as described in detail by IEEE
Standard 1149.1. A typical BSC consists of three cap-
ture registers or scan registers and up to two update
registers.
There are two types of BSCs, one for input or I/O pin,
and one for the macrocells. The BSCs in the device are
chained together through the capture registers. Input to
the capture register chain is fed in from the TDI pin
while the output is directed to the TDO pin. Capture
registers are used to capture active device data sig-
nals, to shift data in and out of the device and to load
data into the update registers. Control signals are gen-
erated internally by the JTAG TAP controller. The BSC
configuration for the input and I/O pins and macrocells
are shown in Figure 1-3 and Figure 1-4.
TABLE 1-5:
POWER-DOWN AC CHARACTERISTICS(1)(2)(3)
Symbol
Parameter
-15
-20
Units
Min.
Max.
Min.
Max.
tIVDH
Valid I, I/O before PD High
15
—
20
—
ns
tGVDH
Valid OE(2) before PD High
15
—
20
—
ns
tCVDH
Valid Clock(2) before PD High
15
—
20
—
ns
tDHIX
I, I/O Don’t Care after PD High
—
25
—
30
ns
tDHGX
OE(2) Don’t Care after PD High
—
25
—
30
ns
tDHCX
Clock(2) Don’t Care after PD High
—
25
—
30
ns
tDLIV
PD Low to Valid I, I/O
—
1
—
1
µs
tDLGV
PD Low to Valid OE (Pin or Term)
—
1
—
1
µs
tDLCV
PD Low to Valid Clock (Pin or Term)
—
1
—
1
µs
tDLOV
PD Low to Valid Output
—
1
—
1
µs
Note 1: For slow slew outputs, add tSSO.
2: Pin or product term.
3: Includes tRPA for reduced-power bit enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com