Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1504ASV Datasheet(PDF) 1 Page - Microchip Technology

Part # ATF1504ASV
Description  ATF1504ASV(L) 3.3V 64-Macrocell CPLD Data Sheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATF1504ASV Datasheet(HTML) 1 Page - Microchip Technology

  ATF1504ASV Datasheet HTML 1Page - Microchip Technology ATF1504ASV Datasheet HTML 2Page - Microchip Technology ATF1504ASV Datasheet HTML 3Page - Microchip Technology ATF1504ASV Datasheet HTML 4Page - Microchip Technology ATF1504ASV Datasheet HTML 5Page - Microchip Technology ATF1504ASV Datasheet HTML 6Page - Microchip Technology ATF1504ASV Datasheet HTML 7Page - Microchip Technology ATF1504ASV Datasheet HTML 8Page - Microchip Technology ATF1504ASV Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
 2019 Microchip Technology Inc.
DS20006185A-page 1
ATF1504ASV/ATF1504ASVL
Features
• High-Density, High-Performance, Electri-
cally-Erasable Complex Programmable Logic
Device:
- 3.0V to 3.6V operating range
- 64 macrocells
- 5 product terms per macrocell, expandable
up to 40 per macrocell
- 44 and 100 pins
- 15 ns maximum pin-to-pin delay
- Registered operation up to 77 MHz
- Enhanced routing resources
• In-System Programmability (ISP) via JTAG
• Flexible Logic Macrocell:
- D/T/Latch configurable flip-flops
- Global and individual register control signals
- Global and individual output enable
- Programmable output slew rate
- Programmable output open-collector option
- Maximum logic utilization by burying a regis-
ter with a COM output
• Advanced Power Management Features:
- Automatic 5 µA Standby (ATF1504ASVL)
- Pin-controlled 100 µA Standby mode (typical)
- Programmable pin-keeper circuits on inputs
and I/Os
- Reduced-power feature per macrocell
• Available in Industrial Temperature Range
• Robust EEPROM Technology:
- 100% tested
- Completely reprogrammable
- 10,000 Program/Erase cycles
- 20-year data retention
- 2000V ESD protection
- 200 mA latch-up immunity
• JTAG Boundary-Scan Testing to IEEE Std.
1149.1-1990 and 1149.1a-1993 Supported
• PCI-Compliant
• Security Fuse Feature
• Green (Pb/Halide-Free/RoHS Compliant)
Package Options
Enhanced Features
• Improved Connectivity (Additional Feedback
Routing, Alternate Input Routing)
• Output Enable Product Terms
• Transparent-Latch Mode
• Combinatorial Output with Registered Feedback
within any Macrocell
• Three Global Clock Pins
• ITD (Input Transition Detection) Circuits on Global
Clocks, Inputs and I/O
• Fast Registered Input from Product Term
• Programmable “Pin-keeper” Option
•VCC Power-Up Reset Option
• Pull-Up Option on JTAG Pins (TMS and TDI)
• Advanced Power Management Features:
- Edge-controlled power-down
(ATF1504ASVL)
- Individual macrocell power option
- Disable ITD on global clocks
Packages
• 44-Lead PLCC
• 44-Lead and 100-Lead TQFP
Description
The ATF1504ASV(L) is a high-performance, high-den-
sity complex programmable logic device (CPLD) that
utilizes Microchip’s proven electrically-erasable mem-
ory technology. With 64 logic macrocells and up to
68 inputs and I/Os, it easily integrates logic from sev-
eral TTL, SSI, MSI, LSI and classic PLDs. The
ATF1504ASV(L)’s enhanced routing switch matrices
increase usable gate count and the odds of successful
pin-locked design modifications.
The ATF1504ASV(L) has up to 64 bidirectional I/O pins
and four dedicated input pins, depending on the type of
device package selected. Each dedicated pin can also
serve as a global control signal (register clock, register
Reset or output enable). Each of these control signals
can be selected for use individually within each
macrocell.
ATF1504ASV(L) 3.3V 64-Macrocell CPLD Data Sheet


Similar Part No. - ATF1504ASV

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504ASV ATMEL-ATF1504ASV Datasheet
314Kb / 29P
Low-voltage, Complex Programmable Logic Device
ATF1504ASV ATMEL-ATF1504ASV Datasheet
577Kb / 31P
Low-voltage, Complex Programmable Logic Device
ATF1504ASV-15 ATMEL-ATF1504ASV-15 Datasheet
314Kb / 29P
Low-voltage, Complex Programmable Logic Device
ATF1504ASV-15AC44 ATMEL-ATF1504ASV-15AC44 Datasheet
314Kb / 29P
Low-voltage, Complex Programmable Logic Device
ATF1504ASV-15AC44 ATMEL-ATF1504ASV-15AC44 Datasheet
577Kb / 31P
Low-voltage, Complex Programmable Logic Device
More results

Similar Description - ATF1504ASV

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C372I CYPRESS-CY7C372I Datasheet
176Kb / 13P
UltraLogic 64-Macrocell Flash CPLD
CY7C373 CYPRESS-CY7C373 Datasheet
41Kb / 1P
UltraLogic??64-Macrocell Flash CPLD
CY7C373 CYPRESS-CY7C373 Datasheet
183Kb / 12P
UltraLogic 64-Macrocell Flash CPLD
logo
NXP Semiconductors
PZ3064 PHILIPS-PZ3064 Datasheet
245Kb / 20P
64 macrocell CPLD
1997 Mar 05
PZ3032 PHILIPS-PZ3032 Datasheet
116Kb / 14P
32 macrocell CPLD
1997 Feb 20
logo
Cypress Semiconductor
CY7C372I-66YMB CYPRESS-CY7C372I-66YMB Datasheet
165Kb / 13P
UltraLogic 64-Macrocell Flash CPLD
logo
Xilinx, Inc
XCR3064XL XILINX-XCR3064XL Datasheet
174Kb / 9P
XCR3064XL 64 Macrocell CPLD
XCR3064XL-6VQ44C XILINX-XCR3064XL-6VQ44C Datasheet
163Kb / 10P
XCR3064XL 64 Macrocell CPLD
XCR3128 XILINX-XCR3128 Datasheet
143Kb / 18P
XCR3128: 128 Macrocell CPLD
XCR3256XL XILINX-XCR3256XL_03 Datasheet
383Kb / 12P
Low power 3.3V 256 macrocell CPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com