Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1504ASV Datasheet(PDF) 28 Page - Microchip Technology

Part # ATF1504ASV
Description  ATF1504ASV(L) 3.3V 64-Macrocell CPLD Data Sheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATF1504ASV Datasheet(HTML) 28 Page - Microchip Technology

Back Button ATF1504ASV Datasheet HTML 22Page - Microchip Technology ATF1504ASV Datasheet HTML 23Page - Microchip Technology ATF1504ASV Datasheet HTML 24Page - Microchip Technology ATF1504ASV Datasheet HTML 25Page - Microchip Technology ATF1504ASV Datasheet HTML 26Page - Microchip Technology ATF1504ASV Datasheet HTML 27Page - Microchip Technology ATF1504ASV Datasheet HTML 28Page - Microchip Technology ATF1504ASV Datasheet HTML 29Page - Microchip Technology ATF1504ASV Datasheet HTML 30Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
 2019 Microchip Technology Inc.
DS20006185A-page 28
ATF1504ASV/ATF1504ASVL
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
ORDERING INFORMATION
ATF1504ASV(L) Green Package Options (Pb/Halide-Free/RoHS Compliant)
tPD1 (ns) tCOP (ns) fMAX (MHz)
Ordering Code
Package
Operation Range
15
9
100
ATF1504ASV-15AU44
44A
Industrial (-40°C to +85°C)
ATF1504ASV-15JU44
44J
ATF1504ASV-15AU100
100A
20
12
83.3
ATF1504ASVL-20AU44
44A
Industrial (-40°C to +85°C)
ATF1504ASVL-20JU44
44J
ATF1504ASVL-20AU100
100A
PART NO.
X
X
-XX
Speed
Package
Temperature
Device
Device:
ATF1504ASV =
3.3V Standard-Power 64 MC CPLD
ATF1504ASVL =
3.3V Low-Power 64 MC CPLD
Speed Grade:
15
=
15 ns (tPD)
20
=
20 ns (tPD)
Package Type:
A
=
TQFP (Thin Profile Plastic Quad Flat Package)
J
=
PLCC (Plastic J-leaded Chip Carrier)
Temperature
Range:
U=
-40
C to +85C (Industrial)
Lead Count:
44
=
44 Leads
100
=
100 Leads
Tape and Reel
Option:
Blank = Standard packaging (tube or tray)
T
= Tape and Reel(1)
Examples:
a)
ATF1504ASV-15JU44-T = Industrial temp.,
Tape and Reel,
PLCC package.
b)
ATF1504ASV-15JU44
= Industrial temp.,
PLCC package.
c)
ATF1504ASV-15AU44
= Industrial temp.,
TQFP package.
d)
ATF1504ASV-15AU100 = Industrial temp.,
TQFP package.
e)
ATF1504ASVL-20JU44-T = Industrial temp.,
Tape and Reel,
TQFP package.
f)
ATF1504ASVL-20JU44
= Industrial temp.,
TQFP package.
g)
ATF1504ASVL-20AU44 = Industrial temp.,
TQFP package.
h)
ATF1504ASV-15AU100 = Industrial temp.,
TQFP package.
Note 1:
Tape and Reel identifier only appears in
the catalog part number description. This
identifier is used for ordering purposes
and is not printed on the device package.
Check with your Microchip Sales Office
for package availability with the Tape and
Reel option.
-[X]
Tape and Reel
Option
(1)
Range
Grade
Type
XXX
Lead
Count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com