Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1504ASV Datasheet(PDF) 10 Page - Microchip Technology

Part # ATF1504ASV
Description  ATF1504ASV(L) 3.3V 64-Macrocell CPLD Data Sheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATF1504ASV Datasheet(HTML) 10 Page - Microchip Technology

Back Button ATF1504ASV Datasheet HTML 6Page - Microchip Technology ATF1504ASV Datasheet HTML 7Page - Microchip Technology ATF1504ASV Datasheet HTML 8Page - Microchip Technology ATF1504ASV Datasheet HTML 9Page - Microchip Technology ATF1504ASV Datasheet HTML 10Page - Microchip Technology ATF1504ASV Datasheet HTML 11Page - Microchip Technology ATF1504ASV Datasheet HTML 12Page - Microchip Technology ATF1504ASV Datasheet HTML 13Page - Microchip Technology ATF1504ASV Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
 2019 Microchip Technology Inc.
DS20006185A-page 10
ATF1504ASV/ATF1504ASVL
tACL
Array Clock Low Time
6
—
8
—
ns
tCNT
Minimum Clock Global Period
—
13
—
17
ns
fCNT
Maximum Internal Global Clock Frequency
76.9
—
66
—
MHz
tACNT
Minimum Array Clock Period
—
13
—
17
ns
fACNT
Maximum Internal Array Clock Frequency
76.9
—
58.8
—
MHz
fMAX
Maximum Clock Frequency
100
—
83.3
—
MHz
tIN
Input Pad and Buffer Delay
—
2
—
2.5
ns
tIO
I/O Input Pad and Buffer Delay
—
2
—
2.5
ns
tFIN
Fast Input Delay
—
2
—
2
ns
tSEXP
Foldback Term Delay
—
8
—
10
ns
tPEXP
Cascade Logic Delay
—
1
—
1
ns
tLAD
Logic Array Delay
—
6
—
8
ns
tLAC
Logic Control Delay
—
3.5
—
4.5
ns
tIOE
Internal Output Enable Delay
—
3
—
3
ns
tOD1
Output Buffer and Pad Delay
(Slow slew rate = OFF; VCCIO = 3.3V; CL =35pF)
—3
—4
ns
tOD3
Output Buffer and Pad Delay
(Slow slew rate = ON; VCCIO = 3.3V; CL =35pF)
—5
—6
ns
tZX1
Output Buffer Enable Delay
(Slow slew rate = OFF; VCCIO = 3.3V; CL =35pF)
—7
—9
ns
tZX3
Output Buffer Enable Delay
(Slow slew rate = ON; VCCIO = 3.3V; CL =35pF)
—10—
11
ns
tXZ
Output Buffer Disable Delay (CL =5pF)
—
6
—
7
ns
tSU
Register Setup Time
5
—
6
—
ns
tH
Register Hold Time
4
—
5
—
ns
tFSU
Register Setup Time of Fast Input
2
—
2
—
ns
tFH
Register Hold Time of Fast Input
2
—
2
—
ns
tRD
Register Delay
—
2
—
2.5
ns
tCOMB
Combinatorial Delay
—
2
—
3
ns
tIC
Array Clock Delay
—
6
—
7
ns
tEN
Register Enable Time
—
6
—
7
ns
tGLOB
Global Control Delay
—
2
—
3
ns
tPRE
Register Preset Time
—
4
—
5
ns
tCLR
Register Clear Time
—
4
—
5
ns
tUIM
Switch Matrix Delay
—
2
—
2.5
ns
TABLE 1-4:
AC CHARACTERISTICS (CONTINUED)
Symbol
Parameter
-15
-20
Units
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com