Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1504ASV Datasheet(PDF) 15 Page - Microchip Technology

Part # ATF1504ASV
Description  ATF1504ASV(L) 3.3V 64-Macrocell CPLD Data Sheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATF1504ASV Datasheet(HTML) 15 Page - Microchip Technology

Back Button ATF1504ASV Datasheet HTML 11Page - Microchip Technology ATF1504ASV Datasheet HTML 12Page - Microchip Technology ATF1504ASV Datasheet HTML 13Page - Microchip Technology ATF1504ASV Datasheet HTML 14Page - Microchip Technology ATF1504ASV Datasheet HTML 15Page - Microchip Technology ATF1504ASV Datasheet HTML 16Page - Microchip Technology ATF1504ASV Datasheet HTML 17Page - Microchip Technology ATF1504ASV Datasheet HTML 18Page - Microchip Technology ATF1504ASV Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
 2019 Microchip Technology Inc.
DS20006185A-page 15
ATF1504ASV/ATF1504ASVL
TABLE 1-7:
I/O PINOUTS
MC
PLC
44-Lead
PLCC
44-Lead
TQFP
100-Lead
TQFP
MC
PLC
44-Lead
PLCC
44-Lead
TQFP
100-Lead
TQFP
1
A
12
6
14
33
C
24
18
40
2A
—
—
13
34
C
—
—
41
3A/PD1
11
5
12
35
C/PD2
25
19
42
4A9
3
10
36
C
26
20
44
5
A
8
2
9
37
C
27
21
45
6A
—
—
8
38
C
—
—
46
7A
—
—
6
39
C
—
—
47
8/TDI
A7
1
4
40
C
28
22
48
9
A
—
—
100
41
C
29
23
52
10
A
—
—
99
42
C
—
—
54
11
A
6
44
98
43
C
—
—
56
12
A
—
—
97
44
C
—
—
57
13
A
—
—
96
45
C
—
—
58
14
A
5
43
94
46
C
31
25
60
15
A
—
—
93
47
C
—
—
61
16
A
4
42
92
48/TCK
C32
26
62
17
B
21
15
37
49
D
33
27
63
18
B
—
—
36
50
D
—
—
64
19
B
20
14
35
51
D
34
28
65
20
B
19
13
33
52
D
36
30
67
21
B
18
12
32
53
D
37
31
68
22
B
—
—
31
54
D
—
—
69
23
B
—
—
30
55
D
—
—
71
24
B
17
11
29
56/TDO
D38
32
73
25
B
16
10
25
57
D
39
33
75
26
B
—
—
23
58
D
—
—
76
27
B
—
—
21
59
D
—
—
79
28
B
—
—
20
60
D
—
—
80
29
B
—
—
19
61
D
—
—
81
30
B
14
8
17
62
D
40
34
83
31
B
—
—
16
63
D
—
—
84
32/TMS
B
13715
64
D/GCLK3
41
35
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com