Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1504ASV Datasheet(PDF) 14 Page - Microchip Technology

Part # ATF1504ASV
Description  ATF1504ASV(L) 3.3V 64-Macrocell CPLD Data Sheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATF1504ASV Datasheet(HTML) 14 Page - Microchip Technology

Back Button ATF1504ASV Datasheet HTML 10Page - Microchip Technology ATF1504ASV Datasheet HTML 11Page - Microchip Technology ATF1504ASV Datasheet HTML 12Page - Microchip Technology ATF1504ASV Datasheet HTML 13Page - Microchip Technology ATF1504ASV Datasheet HTML 14Page - Microchip Technology ATF1504ASV Datasheet HTML 15Page - Microchip Technology ATF1504ASV Datasheet HTML 16Page - Microchip Technology ATF1504ASV Datasheet HTML 17Page - Microchip Technology ATF1504ASV Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
 2019 Microchip Technology Inc.
DS20006185A-page 14
ATF1504ASV/ATF1504ASVL
TABLE 1-6:
DEDICATED PINOUTS
Dedicated Pin
44-Lead TQFP
44-Lead J-lead
100-Lead TQFP
INPUT/OE2(1)/GCLK2(2)
40
2
90
INPUT/GCLR(3)
39
1
89
INPUT/OE1(1)
38
44
88
INPUT/GCLK1(2)
37
43
87
I/O /GCLK3(2)
35
41
85
I/O / PD (1,2)(4)
5, 19
11, 25
12, 42
I/O / TDI (JTAG)(5)
17
4
I/O / TMS (JTAG)(5)
713
15
I/O / TCK (JTAG)(5)
26
32
62
I/O / TDO (JTAG)(5)
32
38
73
GND(6)
4, 16, 24, 36
10, 22, 30, 42
11, 26, 38, 43, 59, 74, 86, 95
VCC(7)
9, 17, 29, 41
3, 15, 23, 35
3, 18, 34, 39, 51, 66, 82, 91
N/C
—
—
1, 2, 5, 7, 22, 24, 27, 28, 49,
50, 53, 55, 70, 72, 77, 78
# of Signal Pins
36
36
68
# User I/O Pins
32
32
64
Note 1: OE (1, 2)
= Global OE pins
2: GCLK (1, 2, 3)
= Global Clock pins
3: GCLR
= Global Clear pin
4: PD (1, 2)
= Power-Down pins
5: TDI, TMS, TCK. TDO = JTAG pins used for boundary-scan testing or in-system programming
6: GND
= Ground pins
7: VCC
= VCC (VCCINT/VCCIO) pins for the device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com