Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1504ASV Datasheet(PDF) 6 Page - Microchip Technology

Part # ATF1504ASV
Description  ATF1504ASV(L) 3.3V 64-Macrocell CPLD Data Sheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATF1504ASV Datasheet(HTML) 6 Page - Microchip Technology

Back Button ATF1504ASV Datasheet HTML 2Page - Microchip Technology ATF1504ASV Datasheet HTML 3Page - Microchip Technology ATF1504ASV Datasheet HTML 4Page - Microchip Technology ATF1504ASV Datasheet HTML 5Page - Microchip Technology ATF1504ASV Datasheet HTML 6Page - Microchip Technology ATF1504ASV Datasheet HTML 7Page - Microchip Technology ATF1504ASV Datasheet HTML 8Page - Microchip Technology ATF1504ASV Datasheet HTML 9Page - Microchip Technology ATF1504ASV Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
 2019 Microchip Technology Inc.
DS20006185A-page 6
ATF1504ASV/ATF1504ASVL
Input Diagram
I/O Diagram
Speed/Power Management
The ATF1504ASV(L) has several built-in speed and
power management features. The ATF1504ASVL con-
tains circuitry that automatically puts the device into a
low-power Standby mode when no logic transitions are
occurring. This not only reduces power consumption
during inactive periods, but also provides proportional
power savings for most applications running at system
speeds below 5 MHz.
To further reduce power, each ATF1504ASV(L) macro-
cell has a reduced-power bit feature. This feature
allows individual macrocells to be configured for maxi-
mum power savings. This feature may be selected as
a design option.
All ATF1504ASV(L) also have an optional Power-Down
mode. In this mode, current drops to below 5 mA.
When the power-down option is selected, either PD1 or
PD2 pins (or both) can be used to power down the part.
The power-down option is selected in the design
software or design source file. When enabled, the
device goes into power-down when either PD1 or PD2
is high. In the Power-Down mode, all internal logic
signals are latched and held, as are any enabled
outputs.
All pin transitions are ignored until the PD pin is brought
low. When the power-down feature is enabled, the PD1
or PD2 pin cannot be used as a logic input or output.
However, the pin’s macrocell may still be used to gen-
erate buried foldback and cascade logic signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com