Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1504ASV Datasheet(PDF) 3 Page - Microchip Technology

Part # ATF1504ASV
Description  ATF1504ASV(L) 3.3V 64-Macrocell CPLD Data Sheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATF1504ASV Datasheet(HTML) 3 Page - Microchip Technology

  ATF1504ASV Datasheet HTML 1Page - Microchip Technology ATF1504ASV Datasheet HTML 2Page - Microchip Technology ATF1504ASV Datasheet HTML 3Page - Microchip Technology ATF1504ASV Datasheet HTML 4Page - Microchip Technology ATF1504ASV Datasheet HTML 5Page - Microchip Technology ATF1504ASV Datasheet HTML 6Page - Microchip Technology ATF1504ASV Datasheet HTML 7Page - Microchip Technology ATF1504ASV Datasheet HTML 8Page - Microchip Technology ATF1504ASV Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
 2019 Microchip Technology Inc.
DS20006185A-page 3
ATF1504ASV/ATF1504ASVL
Pin Configurations and Pinouts
44-Lead PLCC
(Top View)
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
TDI/I/O
I/O
I/O
GND
PD1/I/O
I/O
I/O/TMS
I/O
VCC
I/O
I/O
I/O
I/O/TDO
I/O
I/O
VCC
I/O
I/O
I/O/TCK
I/O
GND
I/O
44-Lead TQFP
(Top View)
34
35
36
37
38
39
40
41
42
43
44
22
21
20
19
18
17
16
15
14
13
12
I/O
I/O
I/O
PD2/I/O
I/O
Vcc
GND
I/O
I/O
I/O
I/O
I/O
GCLK3/I/O
GND
GCLK1/I
I/OE1
GCLR/I
GCLK2/OE2/I
Vcc
I/O
I/O
I/O
NC
NC
I/O
I/O
I/O
I/O
I/O
GND
I/O/PD2
I/O
I/O
VCCINT
GND
I/O
I/O
I/O
VCCIO
I/O
I/O
I/O
I/O
I/O
NC
NC
GND
I/O
NC
NC
I/O
I/O
I/O
VCCIO
I/O
I/O
I/O/GCLK3
GND
NPUT/GCLK1
INPUT/OE1
INPUT/GCLR
INPUT/OE2/GCLK2
VCCINT
I/O
I/O
I/O
GND
I/O
I/O
I/O
I/O
I/O
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
100-Lead TQFP
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com