Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1504ASV Datasheet(PDF) 22 Page - Microchip Technology

Part # ATF1504ASV
Description  ATF1504ASV(L) 3.3V 64-Macrocell CPLD Data Sheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATF1504ASV Datasheet(HTML) 22 Page - Microchip Technology

Back Button ATF1504ASV Datasheet HTML 18Page - Microchip Technology ATF1504ASV Datasheet HTML 19Page - Microchip Technology ATF1504ASV Datasheet HTML 20Page - Microchip Technology ATF1504ASV Datasheet HTML 21Page - Microchip Technology ATF1504ASV Datasheet HTML 22Page - Microchip Technology ATF1504ASV Datasheet HTML 23Page - Microchip Technology ATF1504ASV Datasheet HTML 24Page - Microchip Technology ATF1504ASV Datasheet HTML 25Page - Microchip Technology ATF1504ASV Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
 2019 Microchip Technology Inc.
DS20006185A-page 22
ATF1504ASV/ATF1504ASVL
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1.
2.
Pin 1 visual index feature may vary, but must be located within the hatched area.
Dimensioning and tolerancing per ASME Y14.5M
SECTION A-A
H
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Molded Package Width
Molded Package Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
E1
A2
e
L
E
N
0.80 BSC
1.00
0.45
0.30
-
0.05
-
0.60
-
-
MILLIMETERS
MIN
NOM
44
0.75
0.45
1.20
0.15
MAX
L1
1.00 REF
-
Footprint
Overall Length
Molded Package Length
D
D1
12.00 BSC
10.00 BSC
Terminal Thickness
c
0.09
-
0.20
R1
R2
1
-
0.08
-
Lead Bend Radius
-
0.08
0.20
Lead Bend Radius
3.5°
0°
7°
Foot Angle
-
0°
-
Lead Angle
2
12°
11°
13°
Terminal-to-Exposed-Pad
12.00 BSC
10.00 BSC
0.95
1.05
(L1)
L
2
2
1
c
Microchip Technology Drawing C04-21019-3EB Rev A Sheet 2 of 2
44-Lead Plastic Thin Quad Flatpack (3EB) - 10x10x1.0 mm Body [TQFP]
Atmel Legacy Global Package Code AIX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com