Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1504ASV Datasheet(PDF) 21 Page - Microchip Technology

Part # ATF1504ASV
Description  ATF1504ASV(L) 3.3V 64-Macrocell CPLD Data Sheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATF1504ASV Datasheet(HTML) 21 Page - Microchip Technology

Back Button ATF1504ASV Datasheet HTML 17Page - Microchip Technology ATF1504ASV Datasheet HTML 18Page - Microchip Technology ATF1504ASV Datasheet HTML 19Page - Microchip Technology ATF1504ASV Datasheet HTML 20Page - Microchip Technology ATF1504ASV Datasheet HTML 21Page - Microchip Technology ATF1504ASV Datasheet HTML 22Page - Microchip Technology ATF1504ASV Datasheet HTML 23Page - Microchip Technology ATF1504ASV Datasheet HTML 24Page - Microchip Technology ATF1504ASV Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
 2019 Microchip Technology Inc.
DS20006185A-page 21
ATF1504ASV/ATF1504ASVL
D
TOP VIEW
SIDE VIEW
NOTE 1
0.08 C
Microchip Technology Drawing C04-21019-3EB Rev A Sheet 1 of 2
44X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
44-Lead Plastic Thin Quad Flatpack (3EB) - 10x10x1.0 mm Body [TQFP]
Atmel Legacy Global Package Code AIX
123
N
D
D1
D1
2
D
2
E
E1
E1
2
E
2
A
B
e
0.25 C A-B D
N/4 TIPS
0.10 C A-B D
4X
A A2
A1
C
SEATING
PLANE
44X b
0.07 C A-B D
AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com