Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1504ASV Datasheet(PDF) 16 Page - Microchip Technology

Part # ATF1504ASV
Description  ATF1504ASV(L) 3.3V 64-Macrocell CPLD Data Sheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATF1504ASV Datasheet(HTML) 16 Page - Microchip Technology

Back Button ATF1504ASV Datasheet HTML 12Page - Microchip Technology ATF1504ASV Datasheet HTML 13Page - Microchip Technology ATF1504ASV Datasheet HTML 14Page - Microchip Technology ATF1504ASV Datasheet HTML 15Page - Microchip Technology ATF1504ASV Datasheet HTML 16Page - Microchip Technology ATF1504ASV Datasheet HTML 17Page - Microchip Technology ATF1504ASV Datasheet HTML 18Page - Microchip Technology ATF1504ASV Datasheet HTML 19Page - Microchip Technology ATF1504ASV Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
 2019 Microchip Technology Inc.
DS20006185A-page 16
ATF1504ASV/ATF1504ASVL
FIGURE 1-5:
SUPPLY CURRENT VS.
SUPPLY VOLTAGE –
ATF1504ASV (TA =25°C,
F=0)
FIGURE 1-6:
SUPPLY CURRENT VS.
SUPPLY VOLTAGE –
PIN-CONTROLLED
POWER-DOWN MODE
(TA =25°C, F= 0)
FIGURE 1-7:
SUPPLY CURRENT VS.
FREQUENCY –
ATF1504ASV (TA =25°C)
FIGURE 1-8:
SUPPLY CURRENT VS.
SUPPLY VOLTAGE –
ATF1504ASVL (TA =25°C,
F=0)
FIGURE 1-9:
SUPPLY CURRENT VS.
FREQUENCY –
ATF1504ASVL (TA =25°C)
FIGURE 1-10:
OUTPUT SOURCE
CURRENT VS. SUPPLY
VOLTAGE (VOH =2.4V,
TA =25°C)
0
25
50
75
100
2.5
2.75
3
3.25
3.5
3.75
4
Supply Voltage (V)
Standard Power
Reduced Power Mode
400
500
600
700
800
2.5
2.75
3
3.25
3.5
3.75
4
Supply Voltage (V)
Standard & Reduced Power Mode
0.0
25.0
50.0
75.0
100.0
125.0
150.0
0.00
20.00
40.00
60.00
80.00
100.00
Frequency (MHz)
Standard Power
Reduced Power Mode
0
5
10
15
20
25
2.5
2.75
3
3.25
3.5
3.75
4
Supply Voltage (V)
0.0
20.0
40.0
60.0
80.0
100.0
0.00
5.00
10.00
15.00
20.00
Frequency (MHz)
Standard Power
Reduced Power
-16
-14
-12
-10
-8
-6
-4
-2
0
2.75
3
3.25
3.5
3.75
4
Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com