Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1504ASV Datasheet(PDF) 11 Page - Microchip Technology

Part # ATF1504ASV
Description  ATF1504ASV(L) 3.3V 64-Macrocell CPLD Data Sheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATF1504ASV Datasheet(HTML) 11 Page - Microchip Technology

Back Button ATF1504ASV Datasheet HTML 7Page - Microchip Technology ATF1504ASV Datasheet HTML 8Page - Microchip Technology ATF1504ASV Datasheet HTML 9Page - Microchip Technology ATF1504ASV Datasheet HTML 10Page - Microchip Technology ATF1504ASV Datasheet HTML 11Page - Microchip Technology ATF1504ASV Datasheet HTML 12Page - Microchip Technology ATF1504ASV Datasheet HTML 13Page - Microchip Technology ATF1504ASV Datasheet HTML 14Page - Microchip Technology ATF1504ASV Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
 2019 Microchip Technology Inc.
DS20006185A-page 11
ATF1504ASV/ATF1504ASVL
FIGURE 1-1:
INPUT TEST WAVEFORMS AND MEASUREMENT LEVELS
FIGURE 1-2:
OUTPUT AC TEST LOADS
Power-Down Mode
The ATF1504ASV(L) includes an optional pin-con-
trolled power-down feature. When this mode is
enabled, the PD pin acts as the power-down pin. When
the PD pin is high, the device supply current is reduced
to less than 5 mA. During power-down, all output data
and internal logic states are latched internally and held.
Therefore, all registered and combinatorial output data
remain valid. Any outputs that were in a high Z state at
the onset will remain at high Z. During power-down, all
input signals except the Power-Down pin are blocked.
Input and I/O hold latches remain active to ensure that
pins do not float to indeterminate levels, further reduc-
ing system power. The Power-Down mode feature is
enabled in the logic design file or as a design software
option. Designs using the Power-Down pin may not use
the PD pin as a logic array input. However, all other PD
pin macrocell resources may still be used, including the
buried feedback and foldback product term array
inputs.
tRPA
Reduced-Power Adder(1)
—
10
—
13
ns
Note 1: The tRPA parameter must be added to the tLAD, tLAC, tIC, tACL or tACH, tEN and tSEXP parameters for
macrocells running in the Reduced-Power mode.
TABLE 1-4:
AC CHARACTERISTICS (CONTINUED)
Symbol
Parameter
-15
-20
Units
Min.
Max.
Min.
Max.
Note:
tR, tF = 1.5 ns typical
R1 = 703
3.0V
OUTPUT
PIN
CL = 35 pF
R2 = 8060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com