Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1504ASV Datasheet(PDF) 13 Page - Microchip Technology

Part # ATF1504ASV
Description  ATF1504ASV(L) 3.3V 64-Macrocell CPLD Data Sheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATF1504ASV Datasheet(HTML) 13 Page - Microchip Technology

Back Button ATF1504ASV Datasheet HTML 9Page - Microchip Technology ATF1504ASV Datasheet HTML 10Page - Microchip Technology ATF1504ASV Datasheet HTML 11Page - Microchip Technology ATF1504ASV Datasheet HTML 12Page - Microchip Technology ATF1504ASV Datasheet HTML 13Page - Microchip Technology ATF1504ASV Datasheet HTML 14Page - Microchip Technology ATF1504ASV Datasheet HTML 15Page - Microchip Technology ATF1504ASV Datasheet HTML 16Page - Microchip Technology ATF1504ASV Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
 2019 Microchip Technology Inc.
DS20006185A-page 13
ATF1504ASV/ATF1504ASVL
FIGURE 1-3:
BSC CONFIGURATION FOR INPUT AND I/O PINS (EXCEPT JTAG TAP PINS)
FIGURE 1-4:
BSC CONFIGURATION FOR MACROCELL
Note:
The ATF1504ASV(L) has pull-up option on TMS and TDI pins. This feature is selected as a design option.
0
1
DQ
0
1
0
1
DQ
DQ
Capture
DR
Capture
DR
Update
DR
0
1
0
1
DQ
DQ
TDI
TDI
OUTJ
OEJ
Shift
Shift
Clock
Clock
Mode
TDO
TDO
Pin BSC
Macrocell BSC
Pin
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com