Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1504ASV Datasheet(PDF) 17 Page - Microchip Technology

Part # ATF1504ASV
Description  ATF1504ASV(L) 3.3V 64-Macrocell CPLD Data Sheet
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATF1504ASV Datasheet(HTML) 17 Page - Microchip Technology

Back Button ATF1504ASV Datasheet HTML 13Page - Microchip Technology ATF1504ASV Datasheet HTML 14Page - Microchip Technology ATF1504ASV Datasheet HTML 15Page - Microchip Technology ATF1504ASV Datasheet HTML 16Page - Microchip Technology ATF1504ASV Datasheet HTML 17Page - Microchip Technology ATF1504ASV Datasheet HTML 18Page - Microchip Technology ATF1504ASV Datasheet HTML 19Page - Microchip Technology ATF1504ASV Datasheet HTML 20Page - Microchip Technology ATF1504ASV Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
 2019 Microchip Technology Inc.
DS20006185A-page 17
ATF1504ASV/ATF1504ASVL
FIGURE 1-11:
OUTPUT SOURCE
CURRENT VS. OUTPUT
VOLTAGE (VCC =3.3V,
TA = 25°C)
FIGURE 1-12:
OUTPUT SINK CURRENT
VS. SUPPLY VOLTAGE
(VOL = 0.5V, TA =25°C)
FIGURE 1-13:
OUTPUT SINK CURRENT
VS. OUTPUT VOLTAGE
(VCC = 3.3V, TA = 25°C)
FIGURE 1-14:
INPUT CLAMP CURRENT
VS. INPUT VOLTAGE
(VCC = 3.3V, TA = 25°C)
FIGURE 1-15:
INPUT CURRENT VS.
INPUT VOLTAGE
(VCC = 3.3V, TA = 25°C)
-70
-60
-50
-40
-30
-20
-10
0
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Output Voltage (V)
20
25
30
35
40
2.75
3
3.25
3.5
3.75
4
Supply Voltage (V)
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
3
3.5
4
Output Voltage (V)
-100
-80
-60
-40
-20
0
-1
-0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1
0
Input Voltage (V)
-15
-10
-5
0
5
10
15
20
0
0.5
1
1.5
2
2.5
3
3.5
Input Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com