Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563R Datasheet(PDF) 184 Page - Microchip Technology

Part # KSZ9563R
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563R Datasheet(HTML) 184 Page - Microchip Technology

Back Button KSZ9563R Datasheet HTML 180Page - Microchip Technology KSZ9563R Datasheet HTML 181Page - Microchip Technology KSZ9563R Datasheet HTML 182Page - Microchip Technology KSZ9563R Datasheet HTML 183Page - Microchip Technology KSZ9563R Datasheet HTML 184Page - Microchip Technology KSZ9563R Datasheet HTML 185Page - Microchip Technology KSZ9563R Datasheet HTML 186Page - Microchip Technology KSZ9563R Datasheet HTML 187Page - Microchip Technology KSZ9563R Datasheet HTML 188Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 226 page
background image
KSZ9563R
DS00002419D-page 184
 2017-2018 Microchip Technology Inc.
5.3.1.4
ALU Table Entry 1 Register
5.3.1.5
ALU Table Entry 2 Register
Address:
0x0420 - 0x0423
Size:
32 bits
Bits
Description
Type
Default
31
STATIC
1 = Entry is static and updated by a host processor; will not be aged out
0 = Entry is dynamically learned and aged
R/W
0b
30
SRC FILTER
1 = Drop packet if source address match during source learning
0 = Don’t drop if source address match
R/W
0b
29
DES FILTER
1 = Drop packet if destination address match during lookup
0 = Don’t drop if destination address match
R/W
0b
28:26
PRIORITY (for static entries)
AGE COUNT (for dynamic entries)
>0 = Entry has been accessed or learned since last aging process. A default
value is reloaded every time the entry is learned or accessed. It is
decremented during aging process.
0 = Entry has not been accessed or learned since last aging process. Entry
is not valid if it’s not static.
R/W
0_00b
25:3
RESERVED
RO
0x000000
2:0
MSTP
Multiple Spanning Tree Protocol group ID for matching
R/W
000b
Address:
0x0424 - 0x0427
Size:
32 bits
Bits
Description
Type
Default
31
OVERRIDE
1 = Enable overriding of port state
0 = Do not enable
R/W
0b
30:3
RESERVED
RO
0x000000
2
Port 3 Forward
1 = Forward to this port
0 = Do not forward to this port
R/W
0b
1
Port 2 Forward
1 = Forward to this port
0 = Do not forward to this port
R/W
0b
0
Port 1 Forward
1 = Forward to this port
0 = Do not forward to this port
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com